Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCA005 Datasheet(PDF) 13 Page - C&D Technologies

Part # NCA005
Description  Non-Isolated 5A SIP/SMT DC/DC Converters
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NCA005 Datasheet(HTML) 13 Page - C&D Technologies

Back Button NCA005 Datasheet HTML 9Page - C&D Technologies NCA005 Datasheet HTML 10Page - C&D Technologies NCA005 Datasheet HTML 11Page - C&D Technologies NCA005 Datasheet HTML 12Page - C&D Technologies NCA005 Datasheet HTML 13Page - C&D Technologies NCA005 Datasheet HTML 14Page - C&D Technologies NCA005 Datasheet HTML 15Page - C&D Technologies NCA005 Datasheet HTML 16Page - C&D Technologies NCA005 Datasheet HTML 17Page - C&D Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
4118 14
th Avenue, Unit 4
Markham, Ontario L3R OJ3
1-866-740-1232
4607 S.E. International Way
Milwaukie, Oregon 97222
1-971-206-2800
Page 13
NCA005 6200830000 A01 03Mar06
Volant NCA005 Series
Non-Isolated 5A SIP/SMT DC/DC Converters
www.cdtechno-cps.com
NCA0051331S0 Vo=1.5V (Eff Vs Io)
65%
70%
75%
80%
85%
90%
95%
100%
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Current Load (A)
3.0V
5V
5.5V
Fig 22. SMT Efficiency Curves for Vout=1.5V (25C)
NCA0051331B0 Vo=1.5V (Eff Vs Io)
65%
70%
75%
80%
85%
90%
95%
100%
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Current Load (A)
3.0V
5V
5.5V
Fig 23. SIP Efficiency Curves for Vout=1.5V (25C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com