Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCA005 Datasheet(PDF) 21 Page - C&D Technologies

Part # NCA005
Description  Non-Isolated 5A SIP/SMT DC/DC Converters
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NCA005 Datasheet(HTML) 21 Page - C&D Technologies

Back Button NCA005 Datasheet HTML 15Page - C&D Technologies NCA005 Datasheet HTML 16Page - C&D Technologies NCA005 Datasheet HTML 17Page - C&D Technologies NCA005 Datasheet HTML 18Page - C&D Technologies NCA005 Datasheet HTML 19Page - C&D Technologies NCA005 Datasheet HTML 20Page - C&D Technologies NCA005 Datasheet HTML 21Page - C&D Technologies NCA005 Datasheet HTML 22Page - C&D Technologies NCA005 Datasheet HTML 23Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
4118 14
th Avenue, Unit 4
Markham, Ontario L3R OJ3
1-866-740-1232
4607 S.E. International Way
Milwaukie, Oregon 97222
1-971-206-2800
Page 21
NCA005 6200830000 A01 03Mar06
Volant NCA005 Series
Non-Isolated 5A SIP/SMT DC/DC Converters
www.cdtechno-cps.com
Mechanical and pinning Information.
Given below is the outline drawing showing physical dimensions of the SIP & SMT package.
The external dimensions for SMT package are 20.3mm x 11.43mm x 6.09mm.
PAD SIZE
MIN : 0.120" x 0.095 "
MAX : 0.135" x 0.110 "
Dimensions are in Inches ( millimetes )
Recommended Pad Layout
0.340
0.180
0.160
0.160
0.190
0.350
0.690
0.05
VOUT
TRIM
GND
VIN
ON/OFF
(4.57)
(4.06)
(4.06)
(4.83)
0.06
(1.5)
(1.3)
(17.53)
(8.89)
0.010
(0.25)
(8.64)
Dimensions are in Inches (millimeters)
Tolerances :x.xx = ± 0.02in.( x.x = ± 0.5mm) , unless otherwise noted
BOTTOM VIEW OF BOARD
0.80
0.340
0.450
0.05
0.180
0.35
0.062
0.090
0.160
0.160
0.190
0.062
0.24
x.xxx = ± 0.010in. ( x.xx = ± 0.25mm)
Surface Mount Contact 5 Places
GND
TRIM
VOUT
ON/OFF
VIN
(4.83)
(4.06)
(4.06)
(4.06)
(20.3)
(2.29)
(1.57)
(8.9)
(8.64)
(11.43)
(1.5)
(1.3)
0.06
(1.57)
(6.09)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com