Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCA005 Datasheet(PDF) 2 Page - C&D Technologies

Part # NCA005
Description  Non-Isolated 5A SIP/SMT DC/DC Converters
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NCA005 Datasheet(HTML) 2 Page - C&D Technologies

  NCA005 Datasheet HTML 1Page - C&D Technologies NCA005 Datasheet HTML 2Page - C&D Technologies NCA005 Datasheet HTML 3Page - C&D Technologies NCA005 Datasheet HTML 4Page - C&D Technologies NCA005 Datasheet HTML 5Page - C&D Technologies NCA005 Datasheet HTML 6Page - C&D Technologies NCA005 Datasheet HTML 7Page - C&D Technologies NCA005 Datasheet HTML 8Page - C&D Technologies NCA005 Datasheet HTML 9Page - C&D Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
4118 14
th Avenue, Unit 4
Markham, Ontario L3R OJ3
1-866-740-1232
4607 S.E. International Way
Milwaukie, Oregon 97222
1-971-206-2800
Page 2
NCA005 6200830000 A01 03Mar06
Volant NCA005 Series
Non-Isolated 5A SIP/SMT DC/DC Converters
www.cdtechno-cps.com
Input Characteristics
Notes & Conditions
Min
Typ.
Max
Units
Input Voltage Operating Range
3.0
5
5.5
Vdc
Input Reflected Ripple Current
150
mA p-p
Inrush Current Transient
0.2
A
2s
Input Filter Type (external)
100
μF
Input Turn ON Threshold
2.05
V
Input Turn OFF Threshold
1.91
V
Enable
Positive enable: ON
open
(Positive enable has 20K pullup)
Positive enable: OFF
<0.4
Vdc
(Negative enable has no internal
Negative enable: ON; open circuit or
<0.4
Vdc
pullup resistor)
Negative enable: OFF
2
Vin
Output Characteristics
Notes & Conditions
Min
Typ.
Max
Units
Vout Accuracy
100% load
-1.5
+1.5
%
Output Loading
0
5
A
Output Ripple & Noise
@ 20Mhz Bandwidth.
50
mV
Maximum Capacitive Load
Low ESR
3000
μF
Vout Trim Range (Nom)
0.75
3.63
V
Total Accuracy
Over line/load temperature
<2%
Current Limit
10
A
Output Line Regulation
-0.4
+0.4
%
Output Load Regulation
-0.5
+0.5
%
Turn-on Overshoot
1
%
SC Protection Technique
Hiccup with auto recovery
Pre-bias Start-up at output
Unit starts monotonically with pre-
bias
Dynamic Characteristics
Notes & Conditions
Min
Typ.
Max
Units
Load Transient
50% step, 0.1A/
μs
200
mV
Settling Time
200
μs
Frequency
300
KHz
Rise Time
10% Vo to 90% Vo
4.5
ms
Start-Up Time
Vin to Vout and On/Off to Vout
Vout rise to monotonic
6.5
ms
General Specifications
Notes & Conditions
Min
Typ.
Max
Units
MTBF
Calculated (MIL-HDBK-217F)
1.5
x10
6 Hrs
Thermal Protection
Thermal Measurement Location (TML)
110
°C
Operating Temperature
Without derating, 0LFM
-40
70
°C
Operating Ambient Temperature
See Power derating curve
-40
85
°C
SIP Dimensions
0.9”Lx0.4”Wx0.22”H
(22.9x10.16x5.6mm)
SMT Dimensions
0.80”Lx0.450”Wx0.24”H
(20.3x11.43x6.09mm)
SIP Pin Dimensions
0.025” (0.64mm) SQUARE
0.64
mm
SMT Block Dimensions
0.090” x0.062” x 0.062”
SQUARE
Pin and Block Material
Square copper with tin-lead plated
Weight
2.3
g
Flammability Rating
UL94V-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com