Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCA005 Datasheet(PDF) 23 Page - C&D Technologies

Part # NCA005
Description  Non-Isolated 5A SIP/SMT DC/DC Converters
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NCA005 Datasheet(HTML) 23 Page - C&D Technologies

Back Button NCA005 Datasheet HTML 15Page - C&D Technologies NCA005 Datasheet HTML 16Page - C&D Technologies NCA005 Datasheet HTML 17Page - C&D Technologies NCA005 Datasheet HTML 18Page - C&D Technologies NCA005 Datasheet HTML 19Page - C&D Technologies NCA005 Datasheet HTML 20Page - C&D Technologies NCA005 Datasheet HTML 21Page - C&D Technologies NCA005 Datasheet HTML 22Page - C&D Technologies NCA005 Datasheet HTML 23Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
4118 14
th Avenue, Unit 4
Markham, Ontario L3R OJ3
1-866-740-1232
4607 S.E. International Way
Milwaukie, Oregon 97222
1-971-206-2800
Page 23
NCA005 6200830000 A01 03Mar06
Volant NCA005 Series
Non-Isolated 5A SIP/SMT DC/DC Converters
www.cdtechno-cps.com
Label Information
Pin Length Option
B=0.139”
S=SMT
Enable Logic, 0 for–ve, 1 for +ve
Vout
Iout
Place Holder
Vout Range
F=Fixed
A=Adjustable
Vin (value or range)
C= 3.3V-5.0V
E= 8.3V-14V
F= 6.0V-14V
Non-Isolated Family
0 = Standard. (No PGood option)
P = Power Good Option
C = RoHS Compliant
N C A 0 0 5 1 3 3 0 B 0 – X C
X = Factory control character
(not required when ordering)
C&D Technologies, Inc. reserves the right to alter or improve the specification, internal design or manufacturing process at any time, without notice.
Please check with your supplier or visit our website to ensure that you have the current and complete specification for your product before use.
© C&D Technologies, Inc. 2004
No part of this publication may be copied, transmitted, or stored in a retrieval system or reproduced in any way including, but not limited to,
photography, photocopy, magnetic or other recording means, without prior written permission from C&D Technologies, Inc.
Instructions for use are available from: www.cdtechno-cps.com
RoHS Compliant
The NCA005 series of converters is in compliance with the European Union Directive 2002/95/EC (RoHS) with repsect to the following sustances:
lead (Pb), mercury (Hg), cadmium (Cd), hexavalent chromium, polybrominated biphenyls (PBB) or polybrominated diphenyl ethers (PBDE).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com