Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCA005 Datasheet(PDF) 22 Page - C&D Technologies

Part # NCA005
Description  Non-Isolated 5A SIP/SMT DC/DC Converters
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NCA005 Datasheet(HTML) 22 Page - C&D Technologies

Back Button NCA005 Datasheet HTML 15Page - C&D Technologies NCA005 Datasheet HTML 16Page - C&D Technologies NCA005 Datasheet HTML 17Page - C&D Technologies NCA005 Datasheet HTML 18Page - C&D Technologies NCA005 Datasheet HTML 19Page - C&D Technologies NCA005 Datasheet HTML 20Page - C&D Technologies NCA005 Datasheet HTML 21Page - C&D Technologies NCA005 Datasheet HTML 22Page - C&D Technologies NCA005 Datasheet HTML 23Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
4118 14
th Avenue, Unit 4
Markham, Ontario L3R OJ3
1-866-740-1232
4607 S.E. International Way
Milwaukie, Oregon 97222
1-971-206-2800
Page 22
NCA005 6200830000 A01 03Mar06
Volant NCA005 Series
Non-Isolated 5A SIP/SMT DC/DC Converters
www.cdtechno-cps.com
Whereas, the external dimensions of the SIP version are 22.9mm x 10.16mm x 5.6mm.
Safety Considerations
Ordering Information
Part Number
Vin
Vout
Iout
Enable Logic
Pin Length
NCA0051330B0C
3.0V - 5.5V
0.75V – 3.6V
5A
Negative
0.139"
NCA0051330S0C
3.0V - 5.5V
0.75V – 3.6V
5A
Negative
SMT
NCA0051331B0C
3.0V - 5.5V
0.75V – 3.6V
5A
Positive
0.139"
NCA0051331S0C
3.0V - 5.5V
0.75V – 3.6V
5A
Positive
SMT
PIN CONNECTION
FUNCTION
+Output
Trim
Common
+V Input
On/Off
Pin
1
2
3
4
5
All Dimmension In Inches(mm)
Tolerance : .XX =
± 0.02 ( ± 0.5 )
.XXX = ± 0.010 ( ± 0.25 )
12 3
4 5
LAYOUT PATTERN
TOP VIEW
0.90(22.9)
0.400(10.16)
0.100(2.54)
0.700(17.78)
0.200(5.08)
0.14(3.6)
0.025(0.64)
0.24(6.1)
0.20(5.1)
SIZE SIP05
1.1mm PLATED THROUGH HOLE
1.6mm PAD SIZE
0.025(0.64)
0.800(20.32)
0.22(5.6)Max.
0.19(4.7)
The NCA series of converters are certified to IEC/EN/CSA/UL 60950. If this product is built into information technology
equipment, the installation must comply with the above standard.
An external input fuse of less than 50 Amps (5A to 30A recommended), must be used to meet the above requirements.
The output of the converter [Vo(+)/Vo(-)] is considered to remain within SELV limits when the input to the converter
meets SELV or TNV-2 requirements.
The converters and materials meet UL 94V-0 flammability ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com