Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCA005 Datasheet(PDF) 1 Page - C&D Technologies

Part # NCA005
Description  Non-Isolated 5A SIP/SMT DC/DC Converters
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NCA005 Datasheet(HTML) 1 Page - C&D Technologies

  NCA005 Datasheet HTML 1Page - C&D Technologies NCA005 Datasheet HTML 2Page - C&D Technologies NCA005 Datasheet HTML 3Page - C&D Technologies NCA005 Datasheet HTML 4Page - C&D Technologies NCA005 Datasheet HTML 5Page - C&D Technologies NCA005 Datasheet HTML 6Page - C&D Technologies NCA005 Datasheet HTML 7Page - C&D Technologies NCA005 Datasheet HTML 8Page - C&D Technologies NCA005 Datasheet HTML 9Page - C&D Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
4118 14
th Avenue, Unit 4
Markham, Ontario L3R OJ3
1-866-740-1232
4607 S.E. International Way
Milwaukie, Oregon 97222
1-971-206-2800
Page 1
NCA005 6200830000 A01 03Mar06
Volant NCA005 Series
Non-Isolated 5A SIP/SMT DC/DC Converters
www.cdtechno-cps.com
Features:
Small size, minimal footprint – SMT/SIP package
5A Output Current (all voltages)
High Efficiency: up to 94%
High reliability
RoHS Compliant
Cost efficient open frame design
Output voltage programmable by an external resistor.
Monotonic Start with Pre-Bias.
Output
Input
Efficiency
PARD
(mVp-p)
Regulation
Max
Vin
Nom.
(V)
Range
(V)
Iin
Typ
(A)
Full Load
Vout
(V)
Iout
(A)
Typ.
Max.
Line
Load
Typ.
0.75
5
30
50
+/-0.4%
+/-0.5%
5
3.0– 5.5
0.949
79%
1.2
5
30
50
+/-0.4%
+/-0.5%
5
3.0– 5.5
1.412
85%
1.5
5
30
50
+/-0.4%
+/-0.5%
5
3.0– 5.5
1.724
87%
1.8
5
30
50
+/-0.4%
+/-0.5%
5
3.0– 5.5
2.022
89%
2.0
5
30
50
+/-0.4%
+/-0.5%
5
3.0– 5.5
2.222
90%
2.5
5
30
50
+/-0.4%
+/-0.5%
5
3.0– 5.5
2.217
92%
3.3
5
30
50
+/-0.4%
+/-0.5%
5
4.5– 5.5
3.511
94%


Similar Part No. - NCA005

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NCA005 MURATA-PS-NCA005 Datasheet
895Kb / 23P
Non-Isolated 5A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
NCA005 MURATA-NCA005 Datasheet
895Kb / 23P
Non-Isolated 5A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NCA0051330B0-XC MURATA-PS-NCA0051330B0-XC Datasheet
895Kb / 23P
Non-Isolated 5A SIP/SMT DC/DC Converters
NCA0051330B0C MURATA-PS-NCA0051330B0C Datasheet
895Kb / 23P
Non-Isolated 5A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
NCA0051330B0C MURATA-NCA0051330B0C Datasheet
895Kb / 23P
Non-Isolated 5A SIP/SMT DC/DC Converters
More results

Similar Description - NCA005

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NCA015 CANDD-NCA015 Datasheet
316Kb / 22P
Non-Isolated 15A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NCA005 MURATA-PS-NCA005 Datasheet
895Kb / 23P
Non-Isolated 5A SIP/SMT DC/DC Converters
NEA005 MURATA-PS-NEA005 Datasheet
1Mb / 25P
Non-Isolated 5A SIP/SMT DC/DC Converters
NEA016 MURATA-PS-NEA016 Datasheet
1Mb / 25P
Non-Isolated 16A SIP/SMT DC/DC Converters
NFA020 MURATA-PS-NFA020 Datasheet
679Kb / 25P
Non-Isolated 20A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
NCA005 MURATA-NCA005 Datasheet
895Kb / 23P
Non-Isolated 5A SIP/SMT DC/DC Converters
NCA015 MURATA-NCA015 Datasheet
372Kb / 22P
Non-Isolated 15A SIP/SMT DC/DC Converters
NEA005 MURATA-NEA005 Datasheet
1Mb / 25P
Non-Isolated 5A SIP/SMT DC/DC Converters
NEA016 MURATA-NEA016 Datasheet
1Mb / 25P
Non-Isolated 16A SIP/SMT DC/DC Converters
NFA016 MURATA-NFA016 Datasheet
505Kb / 25P
Non-Isolated 16A SIP/SMT DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com