Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCA005 Datasheet(PDF) 20 Page - C&D Technologies

Part # NCA005
Description  Non-Isolated 5A SIP/SMT DC/DC Converters
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NCA005 Datasheet(HTML) 20 Page - C&D Technologies

Back Button NCA005 Datasheet HTML 15Page - C&D Technologies NCA005 Datasheet HTML 16Page - C&D Technologies NCA005 Datasheet HTML 17Page - C&D Technologies NCA005 Datasheet HTML 18Page - C&D Technologies NCA005 Datasheet HTML 19Page - C&D Technologies NCA005 Datasheet HTML 20Page - C&D Technologies NCA005 Datasheet HTML 21Page - C&D Technologies NCA005 Datasheet HTML 22Page - C&D Technologies NCA005 Datasheet HTML 23Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
4118 14
th Avenue, Unit 4
Markham, Ontario L3R OJ3
1-866-740-1232
4607 S.E. International Way
Milwaukie, Oregon 97222
1-971-206-2800
Page 20
NCA005 6200830000 A01 03Mar06
Volant NCA005 Series
Non-Isolated 5A SIP/SMT DC/DC Converters
www.cdtechno-cps.com
Output Voltage Set point adjustment.
The following relationship establish the calculation of external resistors:
5110
7525
.
0
21070
−
−
=
Vo
Radj
For Vout setting an external resistor is connected between the TRIM and Ground Pin.
Resistor values for different output voltages are calculated as given in the table:
Vo, set (Volts)
RAdj (K
Ω)
3.3
3.160
2.5
6.947
2.0
11.780
1.8
15.004
1.5
23.077
1.2
41.973
1.0
80.02
0.9
137.74
0.75
Open
SMT Lead free Reflow profile
1. Ramp up rate during preheat : 1.33
℃/Sec ( From 30℃ to 150℃ )
2. Soaking temperature : 0.29
℃/Sec ( From 150℃ to 180℃ )
3. Ramp up rate during reflow : 0.8
℃/Sec ( From 220℃ to 250℃ )
4. Peak temperature : 250
℃, above 220℃ 40 to 70 Seconds
5.
Ramp up rate during cooling : -1.56
℃/Sec ( From 220℃ to 150℃ )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com