Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK818 Datasheet(PDF) 35 Page - Rockchip Electronics Co., Ltd

Part # RK818
Description  Input range: 3.8V - 6V for USB input 2.7V - 4.5V for BAT input
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK818 Datasheet(HTML) 35 Page - Rockchip Electronics Co., Ltd

Back Button RK818 Datasheet HTML 31Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 32Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 33Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 34Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 35Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 36Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 37Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 38Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 39Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 93 page
background image
RK818 Datasheet
Rev 1.0
Copyright ©2017 Fuzhou Rockchip Electronics Co., Ltd.
35
Table 4-1 Power Start Up Sequence
X: The buck3 voltage is decided by external resistors.
4.5.1 BOOT1=1, BOOT0 = 1
BOOST_EN
BUCK4_EN
LDO7_EN
LDO3_EN
BUCK1_EN
BUCK2_EN
BUCK3_EN
NRESPWRON
ton1
toff1
toff2
power on sequence
TdONT
TdOFFT
Switch off sequence
ton2
ton3
ton4
ton5
ton6
LDO5_EN
LDO9_EN
PWRON_EN
toff3
toff
4
I_REF_RDY and I_SYS_RDY
tona
LDO4_EN
Fig. 4-2 Power On/Off Timing, BOOT1=1, BOOT0=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com