Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK818 Datasheet(PDF) 21 Page - Rockchip Electronics Co., Ltd

Part # RK818
Description  Input range: 3.8V - 6V for USB input 2.7V - 4.5V for BAT input
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK818 Datasheet(HTML) 21 Page - Rockchip Electronics Co., Ltd

Back Button RK818 Datasheet HTML 17Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 18Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 19Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 20Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 21Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 22Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 23Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 24Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 25Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 93 page
background image
RK818 Datasheet
Rev 1.0
Copyright ©2017 Fuzhou Rockchip Electronics Co., Ltd.
21
PARAMETERS
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
Rated output current
IMAX3
Reg90H<5:4>=<11
>
2.5
A
Switch Current Limit
ICL3
0.5A
step,
default=2.5A
2
3.5
A
Operating Quiescent Current,
No load, VDD=3.8V
IQ3
70
uA
Minimum Switch Current Limit ICLMIN3
50mA
step,
default=150mA
50
400
mA
Minimum ON Time
Ton3(min)
45
ns
Soft-start Time
tSS3
Step=400us,
default=400us
400
800
us
COUT Discharge Switch ON
Resistance
RDIS3
250
ohm
Conversion
Efficiency
(Vin=3.8V,Vout=1.5V)
Iout=2.5A
Iout=2A
Iout=1.5A
Iout=1 A
Iout=500mA
Iout=100 mA
Iout=10 mA
70
75
80
84
88
84
83
%
CH4:BUCK DC-DC CONVERTER (BUCK4)
Input supply voltage range
VINPUT4
2.7
5.5
V
Voltage Adjustable Range, 4bit VFB4
Step=100mV
1.8
3.6
V
Feedback
Voltage,
Default( Tj=25
℃ )
VFB4(Default)
2.94
3.00
3.06
V
Feedback Voltage, Default(-
10
℃≦Tj≦+85℃)
VFB4(Default)
-2.91
3.00
3.09
V
Power Good threshold (Vout
rising)
VPG4
93
%
Output under voltage lockout
(Vout falling)
VUV4
85
%
Output over voltage lockout
(Vout rising)
VOV4
117
%
Load
Regulation,
IOUT4
=
100mA to 2.5A
0.1
%/A
Line Regulation, VCC4 = 3 to
5.5V, IOUT4 = 2A
0.1
%/V
Rated output current
IMAX4
Reg90H<7:6>=<11
>
2.5
A
Switch Current Limit
ICL4
0.5A
step,
default=3A
2.5
4
A
Operating Quiescent Current,
No load, VDD=3.8V
IQ4
70
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com