Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK818 Datasheet(PDF) 39 Page - Rockchip Electronics Co., Ltd

Part # RK818
Description  Input range: 3.8V - 6V for USB input 2.7V - 4.5V for BAT input
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK818 Datasheet(HTML) 39 Page - Rockchip Electronics Co., Ltd

Back Button RK818 Datasheet HTML 35Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 36Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 37Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 38Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 39Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 40Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 41Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 42Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 43Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 93 page
background image
RK818 Datasheet
Rev 1.0
Copyright ©2017 Fuzhou Rockchip Electronics Co., Ltd.
39
Parameter Description
Min
Typ
Max
Unit
PWRON_LP_INT=1)
TdPWRONLPTO
PWRON long press delay to turn off
(PWRON falling edge to NRESPWRON
falling edge)
6
s
Table 4-4
Timing Characteristics of PWRON/DEV_OFF
4.6.6 SLEEP State Control
SLEEP
TdbACT2SLP
DC-DC High-power mode
Low-power mode
High-power mode
LDO(n)
TdbSLP2ACT
TdSLPON
On mode
Off mode
On mode
Fig. 4-7 SLEEP/ACTIVE Transition Timing
4.6.7 Timing Characteristics (SLEEP)
Parameter
Description
Min
Typ
Max
Unit
TdbACT2SLP
SLEEP falling-edge de-bouncing delay
3×tck32k
us
TdbSLP2ACT
SLEEP rising-edge de-bouncing delay
3×tck32k
us
TdSLPON
Delay to turn on enable after SLEEP
rising-edge de-bouncing
1×tck32k
us
Table 4-5 Timing Characteristics of SLEEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com