Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK818 Datasheet(PDF) 53 Page - Rockchip Electronics Co., Ltd

Part # RK818
Description  Input range: 3.8V - 6V for USB input 2.7V - 4.5V for BAT input
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK818 Datasheet(HTML) 53 Page - Rockchip Electronics Co., Ltd

Back Button RK818 Datasheet HTML 49Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 50Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 51Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 52Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 53Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 54Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 55Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 56Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 57Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 93 page
background image
RK818 Datasheet
Rev 1.0
Copyright ©2017 Fuzhou Rockchip Electronics Co., Ltd.
53
Bit 4
1: LDO5 is set off in sleep mode
0: No effect.
Bit 3
1: LDO4 is set off in sleep mode
0: No effect.
Bit 2
1: LDO3 is set off in sleep mode
0: No effect.
Bit 1
1: LDO2 is set off in sleep mode
0: No effect.
Bit 0
1: LDO1 is set off in sleep mode
0: No effect.
DCDC_UV_STS_REG : DC-DC UNDER VOLTAGE STATUS REGISTER
ADDRESS: 27H
TYPE: RO
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
OTG_U
V_STS
H5V_U
V_STS
LDO9_U
V_STS
BOOST
_UV_ST
S
BUCK4_
UV_STS
BUCK3_
UV_STS
BUCK2_
UV_STS
BUCK1_
UV_STS
DEFAUL
T
0
0
0
0
0
0
0
0
Description
Bit 7
OTG_UV_STS: OTG under voltage flag.
1: Output voltage drop below 85% of nominal voltage
0: Normal
Bit 6
H5V_UV_STS: H5V under voltage flag.
1: Output voltage drop below 85% of nominal voltage
0: Normal
Bit 5
LDO9_UV_STS: LDO9 under voltage flag.
1: Output voltage drop below 85% of nominal voltage
0: Normal
Bit 4
BOOST_UV_STS: BOOST under voltage flag.
1: Output voltage drop below 85% of nominal voltage
0: Normal
Bit 3
BUCK4_UV_STS: BUCK4 under voltage flag.
1: Output voltage drop below 85% of nominal voltage
0: Normal
Bit 2
BUCK3_UV_STS: BUCK3 under voltage flag.
1: Output voltage drop below 85% of nominal voltage
0: Normal
Bit 1
BUCK2_UV_STS: BUCK2 under voltage flag.
1: Output voltage drop below 85% of nominal voltage
0: Normal
Bit 0
BUCK1_UV_STS: BUCK1 under voltage flag.
1: Output voltage drop below 85% of nominal voltage
0: Normal
DCDC_UV_ACT_REG : DC-DC UNDER VOLTAGE ACTION REGISTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com