Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK818 Datasheet(PDF) 13 Page - Rockchip Electronics Co., Ltd

Part # RK818
Description  Input range: 3.8V - 6V for USB input 2.7V - 4.5V for BAT input
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK818 Datasheet(HTML) 13 Page - Rockchip Electronics Co., Ltd

Back Button RK818 Datasheet HTML 9Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 10Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 11Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 12Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 13Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 14Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 15Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 16Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 17Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 93 page
background image
RK818 Datasheet
Rev 1.0
Copyright ©2017 Fuzhou Rockchip Electronics Co., Ltd.
13
2.5 Pinout Number Order
Pin No
Pin Name
Pin Description
1
INT
Interrupt request pin. Active low.
2
SLEEP
Input pin for switching state between sleep and non-sleep
state.
3
H_5V
5v supply output for HDMI
4
GND5
Power ground
5
SW5
Switch output
6,7
BOOST
BOOST output
8,9
USB
Power input from USB
10
MIDU
Middle point of USB power supply
11,12
SW6
Switch output
13
GND6
Power ground
14
VLDO1
LDO1 output
15
VCC6
Power supply for LDO
16
VLDO2
LDO2 output
17
XIN
32.768KHz crystal oscillator input
18
XOUT
32.768KHz crystal oscillator output
19
BOOT0
Boot sequence selection, low bit
20
BOOT1
Boot sequence selection, high bit
21
PWRON
Power on or power off enable pin, active low, internal 100K
pull high to power supply
22
VCC3
Power supply for DCDC3
23
SW3
Switch output of DCDC3
24
GND3
Power ground for DCDC3
25
VFB3
feedback voltage for DCDC3
26
VFB2
DCDC2 output voltage feedback input
27
GND2
Power ground for DCDC2
28,29
SW2
Switch output of DCDC2
30
VCC2
Power supply for DCDC2
31
CLK32K1
32.768K clock1 output, open drain,
32
CLK32K2
32.768K clock2 output, open drain,
33
VDDIO
Power supply for IO
34
NRESPWON
Reset pin after power on, active low
35
SCL
Clock input of I2C
36
SDA
Data input/output of I2C
37
VPP
Power supply for testing, floating in the application
38
VFB1
DCDC1 output voltage feedback input
39
VCC1
Power supply for DCDC1
40,41
SW1
Switch output of DCDC1
42,43
GND1
Power ground for DCDC1
44
VLDO7
LDO7 output
45
VCC7
Power supply for LDO
46
VLDO5
LDO5 output
47
VLDO3
LDO3 output
48
VLDO4
LDO4 output
49
VLDO6
LDO6 output
50
VCC8
Power supply for switch
51
VLDO8
LDO8 output
52
VLDO9
LDO9 output
53
VCC9
Power supply for LDO
54
VSWOUT
Switch output
55
VREF
Internal reference voltage
56
REFGND
Reference ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com