Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK818 Datasheet(PDF) 14 Page - Rockchip Electronics Co., Ltd

Part # RK818
Description  Input range: 3.8V - 6V for USB input 2.7V - 4.5V for BAT input
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK818 Datasheet(HTML) 14 Page - Rockchip Electronics Co., Ltd

Back Button RK818 Datasheet HTML 10Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 11Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 12Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 13Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 14Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 15Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 16Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 17Page - Rockchip Electronics Co., Ltd RK818 Datasheet HTML 18Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 93 page
background image
RK818 Datasheet
Rev 1.0
Copyright ©2017 Fuzhou Rockchip Electronics Co., Ltd.
14
Pin No
Pin Name
Pin Description
57
SNSN
Bat charging and discharging sense current negative pin
58
SNSP
Bat charging and discharging sense current positive pin
59,60
BAT
Positive battery terminal
61,62
SYS
DC-DC regulator output to power the system load and charge
the battery
63
VCC4
Power supply for DCDC4
64
SW4
Switch output of DCDC4
65
VFB4
DCDC4 output voltage feedback input
66
GND4
Power ground for DCDC4
67
TS1
Thermistor1 input. Connect a thermistor from this pin to
ground. The thermistor is usually inside the battery pack.
68
TS2
Thermistor2 input. Connect a thermistor from this pin to
ground. Or it can be used as analog input pin of internal ADC
if the control bit is set to ADC function.
Exposed
pad
Exposed
ground
It must be connected to ground for thermal and electrical
enhancement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com