Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1933C Datasheet(PDF) 24 Page - Power Integrations, Inc.

Part # SC1933C
Description  Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SC1933C Datasheet(HTML) 24 Page - Power Integrations, Inc.

Back Button SC1933C Datasheet HTML 20Page - Power Integrations, Inc. SC1933C Datasheet HTML 21Page - Power Integrations, Inc. SC1933C Datasheet HTML 22Page - Power Integrations, Inc. SC1933C Datasheet HTML 23Page - Power Integrations, Inc. SC1933C Datasheet HTML 24Page - Power Integrations, Inc. SC1933C Datasheet HTML 25Page - Power Integrations, Inc. SC1933C Datasheet HTML 26Page - Power Integrations, Inc. SC1933C Datasheet HTML 27Page - Power Integrations, Inc. SC1933C Datasheet HTML 28Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Rev. C 11/18
24
SC1933C/SC1936C
www.power.com
Typical Performance Curves
Figure 19. C
OSS vs. Drain Voltage.
Figure 18. Output Characteristics.
Figure 20. Drain Capacitance Power.
Figure 21. SOA.
Drain Voltage (V)
10
100
1000
0.001
0.01
1
10
0.1
100
SC1933
1.0
SC1936
1.4
Scaling Factors:
Drain Voltage (V)
150
50
250
350
450
550
0
10
100
1000
10000
SC1933
1.0
SC1936
1.4
Scaling Factors:
Drain Voltage VDS (V)
0
2
4
6
8
10
TCASE = 25 °C
TCASE = 100 °C
5
15
10
20
25
0
SC1933
1.0
SC1936
1.4
Scaling Factors:
Drain Voltage (V)
0
100
200
300
400
500
0
50
200
100
150
250
SC1933
1.0
SC1936
1.4
Scaling Factors:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com