Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1933C Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # SC1933C
Description  Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SC1933C Datasheet(HTML) 4 Page - Power Integrations, Inc.

  SC1933C Datasheet HTML 1Page - Power Integrations, Inc. SC1933C Datasheet HTML 2Page - Power Integrations, Inc. SC1933C Datasheet HTML 3Page - Power Integrations, Inc. SC1933C Datasheet HTML 4Page - Power Integrations, Inc. SC1933C Datasheet HTML 5Page - Power Integrations, Inc. SC1933C Datasheet HTML 6Page - Power Integrations, Inc. SC1933C Datasheet HTML 7Page - Power Integrations, Inc. SC1933C Datasheet HTML 8Page - Power Integrations, Inc. SC1933C Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Rev. C 11/18
4
SC1933C/SC1936C
www.power.com
Current Limit Operation
The primary-side controller has a current limit threshold ramp that is
linearly decreasing to the time from the end of the previous primary
switching cycle (i.e. from the time the primary switch turns off at the
end of a switching cycle).
This characteristic produces a primary current limit that increases as
the switching frequency (load) increases (Figure 7).
This algorithm enables the most efficient use of the primary switch
with the benefit that this algorithm responds to digital feedback
information immediately when a feedback switching cycle request is
received.
At high load, switching cycles have a maximum current approaching
100% I
LIM. This gradually reduces to 30% of the full current limit as
load decreases. Once 30% current limit is reached, there is no
further reduction in current limit (since this is low enough to avoid
audible noise). The time between switching cycles will continue to
increase as load reduces.
Jitter
The normalized current limit is modulated between 100% and 95%
at a modulation frequency of f
M. This results in a frequency jitter of
~7 kHz with average frequency of ~100 kHz.
Auto-Restart
In the event a fault condition occurs (such as an output overload,
output short-circuit, or external component/pin fault), the SC1933C/
SC1936C enters auto-restart (AR) or latches off. The latching
condition is reset by bringing the PRIMARY BYPASS pin below ~3 V or
by going below the UNDER/OVER INPUT VOLTAGE pin UV (I
UV-)
threshold.
In auto-restart, switching of the power switch is disabled for t
AR(OFF).
There are 2 ways to enter auto-restart:
1. Continuous secondary requests at above the overload detection
frequency f
OVL (~110 kHz) for longer than 82 ms (tAR).
2. No requests for switching cycles from the secondary for >t
AR(SK).
Figure 7.
Normalized Primary Current vs. Frequency.
30
40
50
60
70
90
100
80
Steady-State Switching Frequency (kHz)
1.05
0.8
0.75
0.85
0.9
0.95
1.0
Primary Controller
SC1933C/SC1936C has variable frequency QR controller plus CCM/
CrM/DCM operation for enhanced efficiency and extended output
power capability.
PRIMARY BYPASS Pin Regulator
The PRIMARY BYPASS pin has an internal regulator that charges the
PRIMARY BYPASS pin capacitor to V
BPP by drawing current from the
DRAIN pin whenever the power switch is off. The PRIMARY BYPASS
pin is the internal supply voltage node. When the power switch is on,
the device operates from the energy stored in the PRIMARY BYPASS
pin capacitor.
In addition, a shunt regulator clamps the PRIMARY BYPASS pin
voltage to V
SHUNT when current is provided to the PRIMARY BYPASS
pin through an external resistor. This allows the SC1933C/SC1936C to
be powered externally through a bias winding, decreasing the no-load
consumption to less than 30 mW in a 5 V output design.
Primary Bypass ILIM Programming
SC1933C/SC1936C ICs allows the user to adjust current limit (ILIM)
settings through the selection of the PRIMARY BYPASS pin capacitor
value. A ceramic capacitor can be used.
There are 2 selectable capacitor sizes - 0.47 mF and 4.7 mF for setting
standard and increased ILIM settings respectively.
Primary Bypass Undervoltage Threshold
The PRIMARY BYPASS pin undervoltage circuitry disables the power
switch when the PRIMARY BYPASS pin voltage drops below ~4.5 V
(V
BPP - VBP(H)) in steady-state operation. Once the PRIMARY BYPASS
pin voltage falls below this threshold, it must rise to V
SHUNT to
re-enable turn-on of the power switch.
Primary Bypass Output Overvoltage Function
The PRIMARY BYPASS pin has a latching OV protection feature. A
Zener diode in parallel with the resistor in series with the PRIMARY
BYPASS pin capacitor is typically used to detect an overvoltage on the
primary bias winding and activate the protection mechanism. In the
event that the current into the PRIMARY BYPASS pin exceeds ISD, the
device will latch-off or disable the power switch switching for a time
t
AR(OFF), after which time the controller will restart and attempt to
return to regulation (see Secondary Fault Response in the Feature
Code Addenda).
VOUT OV protection is also included as an integrated feature on the
secondary controller (see Output Voltage Protection).
Over-Temperature Protection
The thermal shutdown circuitry senses the primary switch die
temperature. The threshold is set to T
SD with either a hysteretic or
latch-off response.
Hysteretic response: If the die temperature rises above the threshold,
the power switch is disabled and remains disabled until the die
temperature falls by T
SD(H) at which point switching is re-enabled. A
large amount of hysteresis is provided to prevent over-heating of the
PCB due to a continuous fault condition.
Latch-off response: If the die temperature rises above the threshold
the power switch is disabled. The latching condition is reset by
bringing the PRIMARY BYPASS pin below V
BPP(RESET) or by going below
the UNDER/OVER INPUT VOLTAGE pin UV (I
UV-) threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com