Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1933C Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # SC1933C
Description  Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SC1933C Datasheet(HTML) 5 Page - Power Integrations, Inc.

  SC1933C Datasheet HTML 1Page - Power Integrations, Inc. SC1933C Datasheet HTML 2Page - Power Integrations, Inc. SC1933C Datasheet HTML 3Page - Power Integrations, Inc. SC1933C Datasheet HTML 4Page - Power Integrations, Inc. SC1933C Datasheet HTML 5Page - Power Integrations, Inc. SC1933C Datasheet HTML 6Page - Power Integrations, Inc. SC1933C Datasheet HTML 7Page - Power Integrations, Inc. SC1933C Datasheet HTML 8Page - Power Integrations, Inc. SC1933C Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Rev. C 11/18
5
SC1933C/SC1936C
www.power.com
Figure 8. Primary-Secondary Handshake Flowchart.
The second is included to ensure that if communication is lost, the
primary tries to restart. Although this should never be the case in
normal operation, it can be useful when system ESD events (for
example) causes a loss of communication due to noise disturbing the
secondary controller. The issue is resolved when the primary restarts
after an auto-restart off-time.
The first auto-restart off-time is short (t
AR(OFF)SH). This short auto-
restart time is to provide quick recovery under fast reset conditions.
The short auto-restart off-time allows the controller to quickly check to
determine whether the auto-restart condition is maintained beyond
t
AR(OFF)SH. If so, it will resort to a full auto-restart off-time.
The auto-restart is reset as soon as an AC reset occurs.
SOA Protection
In the event that there are two consecutive cycles where the drain
current is reached 110% of I
LIM within ~500 ns, the controller will skip
2.5 cycles or ~25 ms (based on full frequency of 100 kHz). This
provides sufficient time for the transformer to reset with large
capacitive loads without extending the start-up time.
Input Line Voltage Monitoring
The UNDER/OVER INPUT VOLTAGE pin is used for input undervoltage
and overvoltage sensing and protection.
A 4 MΩ resistor is tied between the high-voltage DC bulk capacitor
after the bridge (or to the AC side of the bridge rectifier for fast AC
reset) and the UNDER/OVER INPUT VOLTAGE pin to enable this
functionality. This function can be disabled by shorting the UNDER/
OVER INPUT VOLTAGE pin to SOURCE pin.
At power-up, after the primary bypass capacitor is charged and the
ILIM state is latched, and prior to switching, the state of the UNDER/
OVER INPUT VOLTAGE pin is checked to confirm that it is above the
brown-in and below the overvoltage shutdown thresholds.
In normal operation, if the UNDER/OVER INPUT VOLTAGE pin current
falls below the brown-out threshold and remains below brown-in for
longer than t
UV-, the controller enters auto-restart. Switching will only
resume once the UNDER/OVER INPUT VOLTAGE pin current is above
the brown-in threshold.
In the event that the UNDER/OVER INPUT VOLTAGE pin current is
above the overvoltage threshold, the controller will also enter
auto-restart. Again, switching will only resume once the UNDER/
OVER INPUT VOLTAGE pin current has returned to within its normal
operating range.
The input line UV/OV function makes use of an internal high-voltage
switch on the UNDER/OVER INPUT VOLTAGE pin to reduce power
consumption. If the cycle off-time t
OFF is greater than 50 ms, the
internal high-voltage switch will disconnect the external 4 MΩ resistor
from the internal IC to eliminate current drawn through the
4 MΩ resistor. The line sensing function will activate again at the
beginning of the next switching cycle.
Primary-Secondary Handshake
At start-up, the primary-side initially switches without any feedback
information (this is very similar to the operation of a standard
TOPSwitch™, TinySwitch™ or LinkSwitch™ controllers).
If no feedback signals are received during the auto-restart on-time
(t
AR), the primary goes into auto-restart mode. Under normal
conditions, the secondary controller will power-up via the FORWARD
pin or from the OUTPUT VOLTAGE pin and take over control. From
this point onwards the secondary controls switching.
If the primary controller stops switching or does not respond to cycle
requests from the secondary during normal operation (when the
secondary has control), the handshake protocol is initiated to ensure
that the secondary is ready to assume control once the primary
begins to switch again. An additional handshake is also triggered if
the secondary detects that the primary is providing more cycles than
were requested.
PI-8876-110818
Yes
tAR(OFF)
tAR
Yes
Yes
No
No
No
S: Has powered
up within tAR
P: Has Received
Handshaking
Pulses
S: Has Taken
Control?
P: Stops Switching, Hands
Over Control to Secondary
P: Not Switching
S: Doesn’t Take Control
P: Continuous Switching
S: Doesn’t Take Control
P: Goes to Auto-Restart Off
S: Bypass Discharging
P: Auto-Restart
S: Powering Up
P: Primary Chip
S: Secondary Chip
End of Handshaking,
Secondary Control Mode
Start
P: Powered Up, Switching
S: Powering Up
P: Switching
S: Sends Handshaking Pulses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com