Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1933C Datasheet(PDF) 19 Page - Power Integrations, Inc.

Part # SC1933C
Description  Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SC1933C Datasheet(HTML) 19 Page - Power Integrations, Inc.

Back Button SC1933C Datasheet HTML 15Page - Power Integrations, Inc. SC1933C Datasheet HTML 16Page - Power Integrations, Inc. SC1933C Datasheet HTML 17Page - Power Integrations, Inc. SC1933C Datasheet HTML 18Page - Power Integrations, Inc. SC1933C Datasheet HTML 19Page - Power Integrations, Inc. SC1933C Datasheet HTML 20Page - Power Integrations, Inc. SC1933C Datasheet HTML 21Page - Power Integrations, Inc. SC1933C Datasheet HTML 22Page - Power Integrations, Inc. SC1933C Datasheet HTML 23Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Rev. C 11/18
19
SC1933C/SC1936C
www.power.com
Absolute Maximum Ratings1,2
DRAIN Pin Voltage6................................................... -0.3 V to 750 V
DRAIN Pin Peak Current: SC1933C ...........................................10 A3
SC1936C ...........................................14 A3
BPP/BPS Pin Voltage ........................................................-0.3 to 6 V
BPP/BPS Current ................................................................. 100 mA
FWD Pin Voltage ...................................................... -1.5 V to 150 V
FB Pin Voltage .............................................................-0.3 V to 6 V
SR Pin Voltage .............................................................-0.3 V to 6 V
V Pin Voltage ........................................................... -0.3 V to 750 V
VOUT Pin Voltage .......................................................-0.3 V to 27 V
Storage Temperature ..................................................-65 to 150 °C
Operating Junction Temperature4 ................................ -40 to 150 °C
Ambient Temperature .................................................-40 to 105 °C
Lead Temperature5 ............................................................... 260 °C
Notes:
1. All voltages referenced to SOURCE and Secondary GROUND,
T
A = 25 °C.
2. Maximum ratings specified may be applied one at a time without
causing permanent damage to the product. Exposure to Absolute
Maximum Ratings conditions for extended periods of time may
affect product reliability.
3. Higher peak drain current is allowed while the drain voltage is
simultaneously less than 400 V.
4. Normally limited by internal circuitry.
5. 1/16” from case for 5 seconds.
6. Maximum drain voltage (non-repetitive pulse) ........-0.3 V to 750 V
Maximum continuous drain voltage ........................-0.3 V to 650 V
Thermal Resistance
Thermal Resistance:
(q
JA) ........................................... 50 °C/W
1
Notes:
1. Thermal resistance value
q
JA is for the primary power device
junction to ambient only. Testing performed on custom thermal
test PCB consisting of 2 layers of 2 oz. Cu with the package
mounted to the top surface and connected to a bottom layer Cu
heatsinking area of 550 mm^2. Connection between the two
layers was made by 82 vias in a roughly 5x17 matrix outside the
package mounted area. Vias were spaced at 40 mils, were 12 mils
diameter, and plated through but not filled..
Parameter
Conditions
Rating
Units
Ratings for UL1577
Primary-Side
Current Rating
Current from pin (16-19) to pin 24
1.5
A
Primary-Side
Power Rating
T
AMB = 25 °C
(device mounted in socket resulting in T
CASE = 120 °C)
1.35
W
Secondary-Side
Power Rating
T
AMB = 25 °C
(device mounted in socket)
0.125
W
Package Characteristics
Clearance
12.1
mm (typ)
Creepage
11.7
mm (typ)
Distance Through
Insulation (DTI)
0.4
mm (min)
Transient Isolation
Voltage
6
kV (min)
Comparative Tracking
Index (CTI)
600
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com