Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1933C Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # SC1933C
Description  Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SC1933C Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button SC1933C Datasheet HTML 17Page - Power Integrations, Inc. SC1933C Datasheet HTML 18Page - Power Integrations, Inc. SC1933C Datasheet HTML 19Page - Power Integrations, Inc. SC1933C Datasheet HTML 20Page - Power Integrations, Inc. SC1933C Datasheet HTML 21Page - Power Integrations, Inc. SC1933C Datasheet HTML 22Page - Power Integrations, Inc. SC1933C Datasheet HTML 23Page - Power Integrations, Inc. SC1933C Datasheet HTML 24Page - Power Integrations, Inc. SC1933C Datasheet HTML 25Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Rev. C 11/18
21
SC1933C/SC1936C
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V
T
J = -40 °C to 125 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Line Fault Protection
VOLTAGE Pin Line Over-
voltage Deglitch Filter
t
OV+
T
J = 25 °C
See Note B
3
ms
VOLTAGE Pin
Voltage Rating
V
V
T
J = 25 °C
See Note B
650
V
Circuit Protection
Standard Current Limit
(BPP) Capacitor =
0.47 mF
I
LIMIT
SC1933C
di/dt = 425 mA/ms
T
J = 25 °C
1767
1900
2033
A
SC1936C
di/dt = 525 mA/ms
T
J = 25 °C
2139
2300
2461
Increased Current Limit
(BPP) Capacitor =
4.7 mF
I
LIMIT+1
SC1933C
di/dt = 425 mA/ms
T
J = 25 °C
1980
2130
2279
A
SC1936C
di/dt = 525 mA/ms
T
J = 25 °C
2395
2576
2756
Overload Detection
Frequency
f
OVL
T
J = 25 °C
102
110
118
kHz
BYPASS Pin Latching/
Auto-Restart Shutdown
Threshold Current
I
SD
T
J = 25 °C
6.0
7.5
11.3
mA
Auto-Restart On-Time
t
AR
T
J = 25 °C
75
82
89
ms
Auto-Restart Trigger
Skip Time
t
AR(SK)
T
J = 25 °C
See Note B
1.3
sec
Auto-Restart Off-Time
t
AR(OFF)
T
J = 25 °C
1.7
2.11
sec
Short Auto-Restart
Off-Time
t
AR(OFF)SH
T
J = 25 °C
0.17
0.20
0.23
sec
Output
ON-State Resistance
R
DS(ON)
SC1933C
I
D = ILIMIT+1
T
J = 25 °C
0.35
0.44
T
J = 100 °C
0.49
0.62
SC1936C
I
D = ILIMIT+1
T
J = 25 °C
0.29
0.39
T
J = 100 °C
0.41
0.54
OFF-State Drain
Leakage Current
I
DSS1
V
BPP = VBPP + 0.1 V
V
DS = 150 V
15
mA
I
DSS2
V
BPP = VBPP + 0.1 V
V
DS = 325 V
T
J = 25 °C
200
mA
Drain Supply Voltage
50
V
Thermal Shutdown
T
SD
See Note A
135
142
150
°C
Thermal Shutdown
Hysteresis
T
SD(H)
See Note A
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com