Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1933C Datasheet(PDF) 12 Page - Power Integrations, Inc.

Part # SC1933C
Description  Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SC1933C Datasheet(HTML) 12 Page - Power Integrations, Inc.

Back Button SC1933C Datasheet HTML 8Page - Power Integrations, Inc. SC1933C Datasheet HTML 9Page - Power Integrations, Inc. SC1933C Datasheet HTML 10Page - Power Integrations, Inc. SC1933C Datasheet HTML 11Page - Power Integrations, Inc. SC1933C Datasheet HTML 12Page - Power Integrations, Inc. SC1933C Datasheet HTML 13Page - Power Integrations, Inc. SC1933C Datasheet HTML 14Page - Power Integrations, Inc. SC1933C Datasheet HTML 15Page - Power Integrations, Inc. SC1933C Datasheet HTML 16Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Rev. C 11/18
12
SC1933C/SC1936C
www.power.com
FORWARD Pin Resistor
A 47 Ω, 5% resistor is recommended to ensure sufficient IC supply
current. A higher or lower resistor value should not be used as it can
affect device operation such as the timing of the synchronous rectifier
drive. Figures 8, 9, 10 and 11 below show examples of unacceptable
and acceptable FORWARD pin voltage waveforms. V
D is forward
voltage drop across the SR FET.
Figure 8. Unacceptable FORWARD Pin Waveform After Handshake with
SR FET Conduction During Flyback Cycle.
Figure 9. Acceptable FORWARD Pin Waveform After Handshake with
SR FET Conduction During Flyback Cycle.
Figure 10. Unacceptable FORWARD Pin Waveform before Handshake with Body
Diode Conduction During Flyback Cycle.
Note:
If t
1 + t2 = 1.5 ms ± 50 ns, the controller may fail the handshake and
trigger a primary bias winding OVP latch-off.
Figure 11. Acceptable FORWARD Pin Waveform before Handshake with Body
Diode Conduction During Flyback Cycle.
0 V
VSR(TH)
VD
PI-8392-051818
0 V
VSR(TH)
VD
PI-8393-051818
PI-8394-051818
0 V
VSR(TH)
VD
t1
t2
0 V
VSR(TH)
VD
PI-8395-051818



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com