Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1933C Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # SC1933C
Description  Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SC1933C Datasheet(HTML) 1 Page - Power Integrations, Inc.

  SC1933C Datasheet HTML 1Page - Power Integrations, Inc. SC1933C Datasheet HTML 2Page - Power Integrations, Inc. SC1933C Datasheet HTML 3Page - Power Integrations, Inc. SC1933C Datasheet HTML 4Page - Power Integrations, Inc. SC1933C Datasheet HTML 5Page - Power Integrations, Inc. SC1933C Datasheet HTML 6Page - Power Integrations, Inc. SC1933C Datasheet HTML 7Page - Power Integrations, Inc. SC1933C Datasheet HTML 8Page - Power Integrations, Inc. SC1933C Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
SC1933C/SC1936C
www.power.com
November 2018
Off-Line CV/CC QR Flyback Switcher IC with
Integrated Primary Switch, Synchronous
Rectification and FluxLink Feedback
This Product is Covered by Patents and/or Pending Patent Applications.
Product Highlights
Highly Integrated, Compact Footprint
• Up to 94% efficiency across full load range
• Quasi-Resonant (QR) / CCM flyback controller, high-voltage switch,
secondary-side sensing and synchronous rectification driver
• Integrated FluxLink™, HIPOT-isolated, feedback link
• Easily interfaces to load-directed and fast charge protocol ICs
• Constant Power (CP) Profile minimizes charging time with continuous
adjustment of output current and voltage
• Accurate CV/CC/CP, independent of external components
• External IS resistor allows custom CC programming
• Instantaneous transient response with 0%-100%-0% load step
EcoSmart™ – Energy Efficient
• Less than 30 mW no-load including line sense
• Easily meets all global energy efficiency regulations
• Low heat dissipation
Advanced Protection / Safety Features
• Open SR FET-gate detection
• Fast input line UV/OV protection
Full Safety and Regulatory Compliance
• Reinforced isolation
• Isolation voltage >4000 VAC
• 100% production HIPOT testing
• UL1577 and TUV (EN60950) safety approved
• Excellent noise immunity enables designs that achieve class “A”
performance for EN61000-4; EN61000-4-2, 4-3 (30 V/m), 4-4, 4-5,
4-6, 4-8 (100 A/m) and 4-9 (1000 A/m)
Green Package
• Halogen free and RoHS compliant
Applications
• High efficiency flyback designs
• USB PD
• Set-top boxes, networking, gaming
• High current chargers and adapters for mobile devices
Description
SC1933C/SC1936C dramatically simplifies the design and manufacture
of flyback power converters, particularly those requiring high efficiency
and/or compact size. SC1933C/SC1936C incorporates primary and
secondary controllers and safety-rated feedback into a single IC.
SC1933C/SC1936C incorporates multiple protection features including
line over and undervoltage protection, output overvoltage and
over-current limiting, and over-temperature shutdown. Devices are
available that support the common combinations of latching and
auto-restart behaviors required by applications such as quick charge
and USB PD designs. The devices are available with and without
cable-drop compensation.
Figure 1. Typical Application Schematic.
Output Power Table
Product4
230 VAC ± 15%
85-265 VAC
Adapter1
Open
Frame2
Adapter1
Open
Frame2
SC1933C
80 W
85 W
65 W
75 W
SC1936C
90 W
100 W
75 W
85 W
Table 1. Output Power Table.
Notes:
1. Lowest maximum continuous power in a typical non-ventilated enclosed
adapter measured at 40 °C ambient. (package temperature < 125 °C).
2. Minimum peak power capability.
3. Package: InSOP-24D.
Figure 2. High Creepage, Safety-Compliant InSOP-24D Package.
PI-8644a-062518
Secondary
Control IC
SR FET
D
V
S
IS
VOUT
BPP
Primary Switch
and Controller
SC1933C/SC1936C


Similar Part No. - SC1933C

ManufacturerPart #DatasheetDescription
logo
France Joint
SC193X210X8 FRANCEJOINT-SC193X210X8 Datasheet
465Kb / 13P
STANDARD SHAFT SEALS
More results

Similar Description - SC1933C

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
INN2023K-TL POWERINT-INN2023K-TL Datasheet
2Mb / 26P
Off-Line CV/CC Flyback Switcher IC with Integrated 650 V MOSFET, Synchronous Rectification and Feedback
June 2020
INN3072M POWERINT-INN3072M Datasheet
1Mb / 23P
High Efficiency Off-line CV/CC QR Flyback Switcher IC with Integrated 725 V Primary MOSFET, Synchronous Rectification and Integrated Secondary-Side Control
November 2022
INN3162C POWERINT-INN3162C Datasheet
2Mb / 33P
Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback. For Applications up to 65 W
November 2022
INN3264C POWERINT-INN3264C Datasheet
2Mb / 40P
Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification, FluxLink Feedback and Constant Power Profile
November 2022
INN3365C POWERINT-INN3365C Datasheet
3Mb / 58P
Digitally Controllable Off-Line CV/CC QR Flyback Switcher IC with Integrated High-Voltage Switch, Synchronous Rectification and FluxLink Feedback
November 2022
INN3464C POWERINT-INN3464C Datasheet
1Mb / 20P
Off-Line Multiple Output QR Flyback Switcher IC with Integrated 650 V, 725 V or 750 V Switch, Synchronous Rectification and FluxLink Feedback
July 2021
INN3672C POWERINT-INN3672C Datasheet
3Mb / 41P
Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback
November 2022
INN3865C POWERINT-INN3865C Datasheet
2Mb / 44P
Off-Line QR Flyback Switcher IC with Integrated USB Type-C and USB PD Controller, High-Voltage Switch, Synchronous Rectification and FluxLink Feedback
November 2022
INN4072C POWERINT-INN4072C Datasheet
2Mb / 36P
Off-Line CV/CC ZVS Flyback Integrated Switcher IC with 750 V PowiGaN, Active Clamp Drive and Synchronous Rectification
August 2022
LYT6063C POWERINT-LYT6063C Datasheet
2Mb / 38P
Flyback CV/CC LED Driver IC with Integrated High-Voltage Switch and FluxLink Feedback
June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com