Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPPB Datasheet(PDF) 2 Page - RFE international

Part # MPPB
Description  Metalized Polypropylene Capacitor MPPB: Box Type, Low Loss at High Frequency
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MPPB Datasheet(HTML) 2 Page - RFE international

  MPPB Datasheet HTML 1Page - RFE international MPPB Datasheet HTML 2Page - RFE international MPPB Datasheet HTML 3Page - RFE international MPPB Datasheet HTML 4Page - RFE international MPPB Datasheet HTML 5Page - RFE international MPPB Datasheet HTML 6Page - RFE international MPPB Datasheet HTML 7Page - RFE international MPPB Datasheet HTML 8Page - RFE international MPPB Datasheet HTML 9Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Metalized Polypropylene Capacitor
MPPB: Box Type, Low Loss at High Frequency
RATINGS & DIMENSIONS (mm)
14-JUN-2023
Page 2 of 9
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
WAVE SOLDERING RECOMMENDATIONS
Code
W
H
T
P
d
Code
W
H
T
P
d
0.027
273
7.2
7.5
3.5
5.0
0.5
17.5
13.5
7.5
15.0
0.8
0.033
333
7.2
7.5
3.5
5.0
0.5
26.5
15.0
6.0
22.5
0.8
0.039
393
7.2
7.5
3.5
5.0
0.5
17.5
14.5
8.5
15.0
0.8
0.047
473
7.2
9.5
4.5
5.0
0.5
26.5
16.0
7.0
22.5
0.8
0.056
563
7.2
9.5
4.5
5.0
0.5
17.5
16.0
10.0
15.0
0.8
7.2
9.5
4.5
5.0
0.5
26.5
16.0
7.0
22.5
0.8
10.5
9.0
4.0
7.5
0.6
32.0
18.0
9.0
27.5
0.8
7.2
10.0
5.0
5.0
0.5
17.5
16.0
10.0
15.0
0.8
10.5
9.0
4.0
7.5
0.6
26.5
17.0
8.5
22.5
0.8
13.0
9.0
4.0
10.0
0.6
32.0
18.0
9.0
27.5
0.8
7.2
10.0
5.0
5.0
0.5
17.5
19.0
11.0
15.0
0.8
10.5
11.0
5.0
7.5
0.6
26.5
17.0
8.5
22.5
0.8
13.0
9.0
4.0
10.0
0.6
32.0
18.0
9.0
27.5
0.8
7.2
11.0
6.0
5.0
0.5
17.5
19.0
11.0
15.0
0.8
10.5
11.0
5.0
7.5
0.6
26.5
18.5
10.0
22.5
0.8
13.0
11.0
5.0
10.0
0.6
32.0
18.0
9.5
27.5
0.8
7.2
11.0
6.0
5.0
0.5
26.5
20.0
11.0
22.5
0.8
10.5
12.0
6.0
7.5
0.6
32.0
18.0
9.0
27.5
0.8
13.0
11.0
5.0
10.0
0.6
2.5
255
26.5
20.0
11.0
22.5
0.8
10.5
12.0
6.0
7.5
0.6
26.5
22.0
12.0
22.5
0.8
13.0
11.0
5.0
10.0
0.6
32.0
20.0
11.0
27.5
0.8
17.5
11.0
5.0
15.0
0.8
26.5
22.0
12.0
22.5
0.8
13.0
12.0
6.0
10.0
0.6
32.0
20.0
11.0
27.5
0.8
17.5
11.0
5.0
15.0
0.8
3.9
395
32.0
22.0
13.0
27.5
0.8
13.0
12.0
6.0
10.0
0.6
4.7
475
32.0
28.0
14.0
27.5
0.8
17.5
11.0
5.0
15.0
0.8
6.8
685
32.0
33.0
18.0
27.5
0.8
0.33
334
17.5
11.0
5.0
15.0
0.8
8.2
825
32.0
33.0
18.0
27.5
0.8
0.39
394
17.5
12.0
6.0
15.0
0.8
10
106
32.0
33.0
18.0
27.5
0.8
17.5
12.0
6.0
15.0
0.8
12
126
32.0
37.0
22.0
27.5
0.8
26.5
15.0
6.0
22.5
0.8
15
156
32.0
37.0
22.0
27.5
0.8
17.5
13.5
7.5
15.0
0.8
26.5
15.0
6.0
22.5
0.8
2.2
225
2.7
275
3.3
335
1.2
125
1.5
155
1.8
185
105
( F)
Working
Voltage
160Vdc (2C)
90Vac
0.82
824
684
( F)
Working
Voltage
160Vdc (2C)
90Vac
1
823
0.1
104
0.068
683
0.47
474
0.56
564
0.68
0.27
274
0.15
154
0.18
184
0.22
224
0.12
124
0.082



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com