Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPPB Datasheet(PDF) 6 Page - RFE international

Part # MPPB
Description  Metalized Polypropylene Capacitor MPPB: Box Type, Low Loss at High Frequency
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MPPB Datasheet(HTML) 6 Page - RFE international

  MPPB Datasheet HTML 1Page - RFE international MPPB Datasheet HTML 2Page - RFE international MPPB Datasheet HTML 3Page - RFE international MPPB Datasheet HTML 4Page - RFE international MPPB Datasheet HTML 5Page - RFE international MPPB Datasheet HTML 6Page - RFE international MPPB Datasheet HTML 7Page - RFE international MPPB Datasheet HTML 8Page - RFE international MPPB Datasheet HTML 9Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Metalized Polypropylene Capacitor
MPPB: Box Type, Low Loss at High Frequency
14-JUN-2023
Page 6 of 9
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
RATINGS & DIMENSIONS (mm) continued...
Code
W
H
T
P
dø
W
H
T
P
dø
W
H
T
P
dø
0.00056
561
17.5
11.0
5.0
15.0
0.8
17.5
11.0
5.0
15.0
0.8
0.00068
681
17.5
11.0
5.0
15.0
0.8
17.5
11.0
5.0
15.0
0.8
0.00082
821
17.5
11.0
5.0
15.0
0.8
17.5
11.0
5.0
15.0
0.8
0.001
102
13.0
9.0
4.0
10.0
0.6
17.5
11.0
5.0
15.0
0.8
17.5
11.0
5.0
15.0
0.8
0.0012
122
13.0
9.0
4.0
10.0
0.6
17.5
11.0
5.0
15.0
0.8
17.5
11.0
5.0
15.0
0.8
0.0015
152
13.0
9.0
4.0
10.0
0.6
17.5
11.0
5.0
15.0
0.8
17.5
11.0
5.0
15.0
0.8
0.0018
182
13.0
9.0
4.0
10.0
0.6
17.5
11.0
5.0
15.0
0.8
17.5
11.0
5.0
15.0
0.8
13.0
9.0
4.0
10.0
0.6
17.5
11.0
5.0
15.0
0.8
13.0
9.0
4.0
10.0
0.6
17.5
11.0
5.0
15.0
0.8
13.0
9.0
4.0
10.0
0.6
17.5
11.0
5.0
15.0
0.8
13.0
9.0
4.0
10.0
0.6
17.5
11.0
5.0
15.0
0.8
13.0
11.0
5.0
10.0
0.6
17.5
11.0
5.0
15.0
0.8
13.0
11.0
5.0
10.0
0.6
17.5
11.0
5.0
15.0
0.8
13.0
11.0
5.0
10.0
0.6
17.5
12.0
6.0
15.0
0.8
17.5
11.0
5.0
15.0
0.8
26.5
15.0
6.0
22.5
0.8
13.0
12.0
6.0
10.0
0.6
17.5
13.5
7.5
15.0
0.8
17.5
11.0
5.0
15.0
0.8
26.5
15.0
6.0
22.5
0.8
13.0
12.0
6.0
10.0
0.6
17.5
13.5
7.5
15.0
0.8
17.5
11.0
5.0
15.0
0.8
26.5
15.0
6.0
22.5
0.8
17.5
14.5
8.5
15.0
0.8
26.5
15.0
6.0
22.5
0.8
17.5
13.5
7.5
15.0
0.8
17.5
14.5
8.5
15.0
0.8
26.5
15.0
6.0
22.5
0.8
26.5
15.0
6.0
22.5
0.8
17.5
12.0
6.0
15.0
0.8
17.5
13.5
7.5
15.0
0.8
17.5
16.0
10.0
15.0
0.8
26.5
15.0
6.0
22.5
0.8
26.5
15.0
6.0
22.5
0.8
26.5
16.0
7.0
22.5
0.8
17.5
13.5
7.5
15.0
0.8
17.5
14.5
8.5
15.0
0.8
17.5
19.0
11.0
15.0
0.8
26.5
15.0
6.0
22.5
0.8
26.5
15.0
6.0
22.5
0.8
26.5
17.0
8.5
22.5
0.8
17.5
13.5
7.5
15.0
0.8
17.5
16.0
10.0
15.0
0.8
26.5
15.0
6.0
22.5
0.8
26.5
16.0
7.0
22.5
0.8
17.5
14.5
8.5
15.0
0.8
17.5
16.0
10.0
15.0
0.8
26.5
15.0
6.0
22.5
0.8
26.5
16.0
7.0
22.5
0.8
17.5
16.0
10.0
15.0
0.8
17.5
19.0
11.0
15.0
0.8
26.5
15.0
6.0
22.5
0.8
26.5
17.0
8.5
22.5
0.8
17.5
16.0
10.0
15.0
0.8
17.5
19.0
11.0
15.0
0.8
26.5
16.0
7.0
22.5
0.8
26.5
18.5
10.0
22.5
0.8
17.5
19.0
11.0
15.0
0.8
26.5
22.0
12.0
22.5
0.8
26.5
16.0
7.0
22.5
0.8
18.0
14.5
8.5
15.0
0.8
26.5
17.0
8.5
22.5
0.8
0.082
823
226.5
17.0
8.5
22.5
0.8
26.5
22.0
12.0
22.5
0.8
18.0
16.0
10.0
15.0
0.8
26.5
18.5
10.0
22.5
0.8
26.5
22.0
12.0
22.5
0.8
0.12
124
26.5
22.0
12.0
22.5
0.8
0.15
154
26.5
22.0
12.0
22.5
0.8
0.1
104
2000Vdc (3D)
650Vac
700Vac
1000VDC (3A)
600Vac
0.0022
222
0.0027
272
15.0
0.8
15.0
0.8
0.0033
332
17.5
17.5
( F)
Working
Voltage
1600Vdc (3C)
11.0
5.0
17.5
11.0
5.0
15.0
0.8
17.5
11.0
5.0
11.0
5.0
15.0
0.8
17.5
11.0
5.0
15.0
0.8
17.5
11.0
5.0
15.0
0.8
17.5
11.0
5.0
15.0
0.8
17.5
11.0
5.0
15.0
0.8
17.5
12.0
6.0
15.0
0.8
17.5
11.0
5.0
15.0
0.8
17.5
12.0
6.0
15.0
0.8
17.5
12.0
6.0
15.0
0.8
17.5
11.0
5.0
15.0
0.8
17.5
11.0
5.0
15.0
0.8
17.5
12.0
6.0
15.0
0.8
17.5
11.0
5.0
15.0
0.8
17.5
12.0
6.0
15.0
0.8
17.5
11.0
5.0
15.0
0.8
0.0068
682
0.0082
822
0.01
103
0.0039
392
0.0047
472
0.0056
562
0.022
223
0.027
273
0.033
333
0.012
123
0.015
153
0.018
183
26.5
22.0
12.0
0.068
683
26.5
18.5
10.0
0.039
393
0.047
473
0.056
563
22.5
0.8
26.5
22.0
12.0
22.5
0.8
26.5
17.0
8.5
22.5
0.8
22.5
0.8
26.5
18.5
10.0
22.5
0.8
22.5
0.8
26.5
18.5
10.0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com