Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPPB Datasheet(PDF) 8 Page - RFE international

Part # MPPB
Description  Metalized Polypropylene Capacitor MPPB: Box Type, Low Loss at High Frequency
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MPPB Datasheet(HTML) 8 Page - RFE international

  MPPB Datasheet HTML 1Page - RFE international MPPB Datasheet HTML 2Page - RFE international MPPB Datasheet HTML 3Page - RFE international MPPB Datasheet HTML 4Page - RFE international MPPB Datasheet HTML 5Page - RFE international MPPB Datasheet HTML 6Page - RFE international MPPB Datasheet HTML 7Page - RFE international MPPB Datasheet HTML 8Page - RFE international MPPB Datasheet HTML 9Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Metalized Polypropylene Capacitor
MPPB: Box Type, Low Loss at High Frequency
14-JUN-2023
Page 8 of 9
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
RADIAL TAPING
SPECIFICATIONS
RT1
RT2
RT3
RT4
Tol.
Lead Wire Diameter
d
0.5/0.6
0.5/0.6
0.6
0.6/0.8
±0.05
Tape Pitch
P
12.7
12.7
12.7
25.4
±1
Feed Hole Pitch
P0
12.7
12.7
12.7
12.7
±0.2
Centering of the Lead Wire
P1
3.85
2.6/3.75
7.7
5.2
±0.7
Centering of the Body
P2
6.35
6.35
12.7
12.7
±1.3
Lead Spacing
F
5
7.5
10
15
0
Component Alignment
h
0
0
0
0
±2
Height of Component from Tape Center
H
18.5
18.5
18.5
18.5
±0.5
Carrier Tape Width
W
18
18
18
18
+1;-0.5
Hold Down Tape Width
W0
6
6
9
10
Min
Hole Posi on
W1
9
9
9
9
±0.5
Hold Down Tape Posi on
W2
3
3
3
3
Max
Feed Hole Diameter
Do
4
4
4
4
±0.2
Tape Thickness
t
0.5
0.5
0.5
0.5
±0.2
Figure
g
1
1 or 2
3
3
Le er
Descrip on
Dimension (mm)
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com