Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPPB Datasheet(PDF) 4 Page - RFE international

Part # MPPB
Description  Metalized Polypropylene Capacitor MPPB: Box Type, Low Loss at High Frequency
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MPPB Datasheet(HTML) 4 Page - RFE international

  MPPB Datasheet HTML 1Page - RFE international MPPB Datasheet HTML 2Page - RFE international MPPB Datasheet HTML 3Page - RFE international MPPB Datasheet HTML 4Page - RFE international MPPB Datasheet HTML 5Page - RFE international MPPB Datasheet HTML 6Page - RFE international MPPB Datasheet HTML 7Page - RFE international MPPB Datasheet HTML 8Page - RFE international MPPB Datasheet HTML 9Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Metalized Polypropylene Capacitor
MPPB: Box Type, Low Loss at High Frequency
14-JUN-2023
Page 4 of 9
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
RATINGS & DIMENSIONS (mm) continued...
Code
W
H
T
P
d
Code
W
H
T
P
d
0.0039
392
7.2
7.5
3.5
5.0
0.5
0.12
124
17.5
11.0
5.0
15.0
0.8
0.0047
472
7.2
7.5
3.5
5.0
0.5
0.15
154
17.5
12.0
6.0
15.0
0.8
0.0056
562
7.2
7.5
3.5
5.0
0.5
17.5
12.0
6.0
15.0
0.8
0.0068
682
7.2
7.5
3.5
5.0
0.5
26.5
15.0
6.0
22.5
0.8
0.0082
822
7.2
7.5
3.5
5.0
0.5
17.5
13.5
7.5
15.0
0.8
7.2
7.5
3.5
5.0
0.5
26.5
15.0
6.0
22.5
0.8
10.5
9.0
4.0
7.5
0.6
17.5
13.5
7.5
15.0
0.8
7.2
7.5
3.5
5.0
0.5
26.5
15.0
6.0
22.5
0.8
10.5
9.0
4.0
7.5
0.6
17.5
14.5
8.5
15.0
0.8
7.2
9.5
4.5
5.0
0.6
26.5
15.0
6.0
22.5
0.8
10.5
9.0
4.0
7.5
0.6
17.5
16.0
10.0
15.0
0.8
13.0
9.0
4.0
10.0
0.6
26.5
16.0
7.0
22.5
0.8
7.2
9.5
4.5
5.0
0.6
17.5
16.0
10.0
15.0
0.8
10.5
9.0
4.0
7.5
0.6
26.5
16.0
7.0
22.5
0.8
13.0
9.0
4.0
10.0
0.6
17.5
19.0
11.0
15.0
0.8
7.2
9.5
4.5
5.0
0.6
26.5
17.0
8.5
22.5
0.8
10.5
9.0
4.0
7.5
0.6
32.0
18.0
9.0
27.5
0.8
13.0
9.0
4.0
10.0
0.6
17.5
19.0
11.0
15.0
0.8
7.2
10.0
5.0
5.0
0.6
26.5
17.0
8.5
22.5
0.8
10.5
9.0
4.0
7.5
0.6
32.0
18.0
9.0
27.5
0.8
13.0
9.0
4.0
10.0
0.6
26.5
18.5
10.0
22.5
0.8
7.2
11.0
6.0
5.0
0.6
32.0
18.0
9.0
27.5
0.8
10.5
11.0
5.0
7.5
0.6
26.5
20.0
11.0
22.5
0.8
13.0
9.0
4.0
10.0
0.6
32.0
18.0
9.0
27.5
0.8
7.2
11.0
6.0
5.0
0.6
26.5
22.0
12.0
22.5
0.8
10.5
11.0
5.0
7.5
0.6
32.0
20.0
11.0
27.5
0.8
13.0
9.0
4.0
10.0
0.6
26.5
22.0
12.0
22.5
0.8
7.2
11.0
6.0
5.0
0.6
32.0
20.0
11.0
27.5
0.8
10.5
11.0
5.0
7.5
0.6
1.8
185
32.0
22.0
13.0
27.5
0.8
13.0
11.0
5.0
10.0
0.6
2.2
225
32.0
24.5
15.0
27.5
0.8
10.5
12.0
6.0
7.5
0.6
2.5
255
32.0
28.0
14.0
27.5
0.8
13.0
11.0
5.0
10.0
0.6
2.7
275
32.0
28.0
14.0
27.5
0.8
10.5
12.0
6.0
7.5
0.6
3.3
335
32.0
33.0
18.0
27.5
0.8
13.0
11.0
5.0
10.0
0.6
3.9
395
32.0
33.0
18.0
27.5
0.8
17.5
11.0
5.0
15.0
0.8
32.0
37.0
22.0
27.5
0.8
13.0
12.0
6.0
10.0
0.6
42.0
31.5
18.0
37.5
0.8
17.5
11.0
5.0
15.0
0.8
5.6
565
32.0
37.0
22.0
27.5
0.8
13.0
12.0
6.0
10.0
0.8
17.5
11.0
5.0
15.0
0.8
0.082
823
0.068
683
125
1.2
0.056
563
0.047
473
0.039
393
4.7
475
400Vdc (2G)
250Vac
( F)
Working
Voltage
123
0.01
103
0.012
250Vac
400Vdc (2G)
0.18
184
0.1
104
( F)
Working
Voltage
0.018
183
0.015
153
0.027
273
0.022
223
0.033
333
0.39
394
0.47
474
0.22
224
0.27
274
0.33
334
0.56
564
0.68
684
1.5
155
0.82
824
1
105



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com