Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPPB Datasheet(PDF) 3 Page - RFE international

Part # MPPB
Description  Metalized Polypropylene Capacitor MPPB: Box Type, Low Loss at High Frequency
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MPPB Datasheet(HTML) 3 Page - RFE international

  MPPB Datasheet HTML 1Page - RFE international MPPB Datasheet HTML 2Page - RFE international MPPB Datasheet HTML 3Page - RFE international MPPB Datasheet HTML 4Page - RFE international MPPB Datasheet HTML 5Page - RFE international MPPB Datasheet HTML 6Page - RFE international MPPB Datasheet HTML 7Page - RFE international MPPB Datasheet HTML 8Page - RFE international MPPB Datasheet HTML 9Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Metalized Polypropylene Capacitor
MPPB: Box Type, Low Loss at High Frequency
14-JUN-2023
Page 3 of 9
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
RATINGS & DIMENSIONS (mm) continued...
Code
W
H
T
P
d
Code
W
H
T
P
d
0.01
103
7.2
7.5
3.5
5.0
0.5
13.0
12.0
6.0
10.0
0.6
0.012
123
7.2
7.5
3.5
5.0
0.5
17.5
11.0
5.0
15.0
0.8
0.015
153
7.2
7.5
3.5
5.0
0.5
0.27
274
17.5
12.0
6.0
15.0
0.8
0.018
183
7.2
7.5
3.5
5.0
0.5
0.33
334
17.5
12.0
6.0
15.0
0.8
0.022
223
7.2
7.5
3.5
5.0
0.5
17.5
13.5
7.5
15.0
0.8
7.2
7.5
3.5
5.0
0.5
26.5
15.0
6.0
22.5
0.8
10.5
9.0
4.0
7.5
0.6
17.5
13.5
7.5
15.0
0.8
7.2
9.5
4.5
5.0
0.5
26.5
15.0
6.0
22.5
0.8
10.5
9.0
4.0
7.5
0.6
17.5
13.5
7.5
15.0
0.8
13.0
9.0
4.0
10.0
0.6
26.5
15.0
6.0
22.5
0.8
7.2
9.5
4.5
5.0
0.5
17.5
14.5
8.5
15.0
0.8
10.5
9.0
4.0
7.5
0.6
26.5
15.0
6.0
22.5
0.8
13.0
9.0
4.0
10.0
0.6
17.5
16.0
10.0
15.0
0.8
7.2
9.5
4.5
5.0
0.5
26.5
15.0
6.0
22.5
0.8
10.5
9.0
4.0
7.5
0.6
32.0
18.0
9.0
27.5
0.8
13.0
9.0
4.0
10.0
0.6
17.5
16.0
10.0
15.0
0.8
7.2
9.5
4.5
5.0
0.5
26.5
16.0
7.0
22.5
0.8
10.5
9.0
4.0
7.5
0.6
32.0
18.0
9.0
27.5
0.8
13.0
9.0
4.0
10.0
0.6
17.5
19.0
11.0
15.0
0.8
7.2
10.0
5.0
5.0
0.6
26.5
17.0
8.5
22.5
0.8
10.5
9.0
4.0
7.5
0.6
32.0
18.0
9.0
27.5
0.8
13.0
9.0
4.0
10.0
0.6
26.5
17.0
8.5
22.5
0.8
7.2
10.0
5.0
5.0
0.6
32.0
18.0
9.0
27.5
0.8
10.5
11.0
5.0
7.5
0.6
26.5
18.5
10.0
22.5
0.8
13.0
9.0
4.0
10.0
0.6
32.0
18.0
9.0
27.5
0.8
7.2
11.0
6.0
5.0
0.6
26.5
20.0
11.0
22.5
0.8
10.5
11.0
5.0
7.5
0.6
32.0
20.0
11.0
27.5
0.8
13.0
11.0
5.0
10.0
0.6
2.5
255
32.0
20.0
11.0
27.5
0.8
17.5
11.0
5.0
15.0
0.8
26.5
22.0
12.0
22.5
0.8
7.2
11.0
6.0
5.0
0.6
32.0
20.0
11.0
27.5
0.8
10.5
11.0
5.0
7.5
0.6
3.3
335
32.0
20.0
11.0
27.5
0.8
13.0
11.0
5.0
10.0
0.6
3.9
395
32.0
22.0
13.0
27.5
0.8
17.5
11.0
5.0
15.0
0.8
4.7
475
32.0
28.0
14.0
27.5
0.8
10.5
12.0
6.0
7.5
0.6
5.6
565
32.0
24.5
15.0
27.5
0.8
13.0
11.0
5.0
10.0
0.6
6.8
685
32.0
33.0
18.0
27.5
0.8
17.5
11.0
5.0
15.0
0.8
8.2
825
32.0
33.0
18.0
27.5
0.8
10.5
12.0
6.0
7.5
0.6
10
106
32.0
33.0
18.0
27.5
0.8
13.0
12.0
6.0
10.0
0.6
12
126
32.0
37.0
22.0
27.5
0.8
17.5
11.0
5.0
15.0
0.8
15
156
32.0
37.0
22.0
27.5
0.8
( F)
Working
Voltage
250Vdc (2E)
180Vac
0.027
273
0.047
473
0.039
393
0.033
333
( F)
Working
Voltage
250Vdc (2E)
180Vac
0.15
154
823
0.082
0.12
124
0.1
104
0.068
683
0.056
563
0.82
824
1
105
0.22
224
0.39
394
0.47
474
0.56
564
0.68
684
184
0.18
1.2
125
1.5
155
1.8
185
2.2
225
2.7
275



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com