Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPPB Datasheet(PDF) 1 Page - RFE international

Part # MPPB
Description  Metalized Polypropylene Capacitor MPPB: Box Type, Low Loss at High Frequency
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MPPB Datasheet(HTML) 1 Page - RFE international

  MPPB Datasheet HTML 1Page - RFE international MPPB Datasheet HTML 2Page - RFE international MPPB Datasheet HTML 3Page - RFE international MPPB Datasheet HTML 4Page - RFE international MPPB Datasheet HTML 5Page - RFE international MPPB Datasheet HTML 6Page - RFE international MPPB Datasheet HTML 7Page - RFE international MPPB Datasheet HTML 8Page - RFE international MPPB Datasheet HTML 9Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Metalized Polypropylene Capacitor
MPPB: Box Type, Low Loss at High Frequency
FEATURES
PART NUMBER EXAMPLE
ELECTRICAL CHARACTERISTICS (Ta=25 Unless otherwise specified
14-JUN-2023
Page 1 of 9
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
3,000
4,800
2,500
3,200
6,000
500
1,500
2,100
3,000
3,500
300
900
1,000
2,000
2,300
9,500
40
40
If the working voltage (V)
is lower than the rated
voltage (VR), the capacitor
can be worked at a higher
dV/dt. In this case, the
maximum allowed dV/dt is
obtained by multiplying the
right value with VR/V.
Withstanding Voltage
Between Terminals: 1.6 x rated voltage (VR) for 5 seconds.
Between Terminal and Case: 2000VAC for 5 seconds.
0.001 (1KHz, 20
)


Similar Part No. - MPPB

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
MPP DBLECTRO-MPP Datasheet
153Kb / 2P
Metallized Polyester Film Capacitor (Coating)
logo
Ferroxcube Internationa...
MPP FERROXCUBE-MPP Datasheet
62Kb / 4P
Material specification
logo
Illinois Capacitor, Inc...
MPP ILLINOISCAPACITOR-MPP Datasheet
167Kb / 2P
High Ripple Current ??Low ESR ??High Reliability
logo
RFE international
MPP RFE-MPP Datasheet
1Mb / 3P
Metalized Polypropylene Film Capacitors MPP Series: Radial Dipped
SEP-27-2023
logo
FRIWO Geratebau GmbH
MPP FRIWO-MPP Datasheet
638Kb / 2P
Switchmode Power Supplies
More results

Similar Description - MPPB

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JFQ JBCAPACITORS-JFQ Datasheet
810Kb / 7P
Box Type Double Sided Met Polypropylene Film Capacitor
JFYE JBCAPACITORS-JFYE Datasheet
526Kb / 2P
Box Type Met Polypropylene Film Capacitor
JFYE JBCAPACITORS-JFYE_16 Datasheet
556Kb / 2P
Box Type Met Polypropylene Film Capacitor
JFQ JBCAPACITORS-JFQ_16 Datasheet
350Kb / 4P
High Voltage Box Type Met Polypropylene Film Capacitor
JFM JBCAPACITORS-JFM_15 Datasheet
271Kb / 2P
Box Type Met Polypropylene Film Capacitor
JFM JBCAPACITORS-JFM_17 Datasheet
284Kb / 2P
Box Type Met Polypropylene Film Capacitor
JFQ JBCAPACITORS-JFQ_18 Datasheet
214Kb / 3P
High Voltage Box Type Met Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1847H VISHAY-MKP1847H Datasheet
246Kb / 14P
THB AC Filtering Metalized Polypropylene Film Capacitor Radial Type 85 °C / 85 % RH 1000 h at UNAC
19-May-2021
MKP1847C VISHAY-MKP1847C Datasheet
179Kb / 16P
AC Filtering Metalized Polypropylene Film Capacitor Radial Type
19-May-2021
logo
RFE international
MBPN RFE-MBPN Datasheet
623Kb / 3P
METALIZED POLYPROPYLENE FILM CAPACITORS MBPN Series: Power Factor Correction, Box Type
2021.11.24
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com