Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPPB Datasheet(PDF) 5 Page - RFE international

Part # MPPB
Description  Metalized Polypropylene Capacitor MPPB: Box Type, Low Loss at High Frequency
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MPPB Datasheet(HTML) 5 Page - RFE international

  MPPB Datasheet HTML 1Page - RFE international MPPB Datasheet HTML 2Page - RFE international MPPB Datasheet HTML 3Page - RFE international MPPB Datasheet HTML 4Page - RFE international MPPB Datasheet HTML 5Page - RFE international MPPB Datasheet HTML 6Page - RFE international MPPB Datasheet HTML 7Page - RFE international MPPB Datasheet HTML 8Page - RFE international MPPB Datasheet HTML 9Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Metalized Polypropylene Capacitor
MPPB: Box Type, Low Loss at High Frequency
14-JUN-2023
Page 5 of 9
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
Code
W
H
T
P
d
Code
W
H
T
P
d
7.2
7.5
3.5
5.0
0.5
10.5
12.0
6.0
7.5
0.6
10.5
9.0
4.0
7.5
0.6
13.0
11.0
5.0
10.0
0.6
13.0
9.0
4.0
10.0
0.6
17.5
11.0
5.0
15.0
0.8
7.2
7.5
3.5
5.0
0.5
10.5
12.0
6.0
7.5
0.6
10.5
9.0
4.0
7.5
0.6
13.0
11.0
5.0
10.0
0.6
13.0
9.0
4.0
10.0
0.6
17.5
11.0
5.0
15.0
0.8
7.2
7.5
3.5
5.0
0.5
13.0
12.0
6.0
10.0
0.6
10.5
9.0
4.0
7.5
0.6
17.5
11.0
5.0
15.0
0.8
13.0
9.0
4.0
10.0
0.6
13.0
12.0
6.0
10.0
0.6
7.2
7.5
3.5
5.0
0.5
17.5
11.0
5.0
15.0
0.8
10.5
9.0
4.0
7.5
0.6
0.056
563
17.5
11.0
5.0
15.0
0.8
13.0
9.0
4.0
10.0
0.6
0.068
683
17.5
12.0
6.0
15.0
0.8
7.2
7.5
3.5
5.0
0.5
17.5
12.0
6.0
15.0
0.8
10.5
9.0
4.0
7.5
0.6
26.5
15.0
6.0
22.5
0.8
13.0
9.0
4.0
10.0
0.6
17.5
13.5
7.5
15.0
0.8
7.2
7.5
3.5
5.0
0.5
26.5
15.0
6.0
22.5
0.8
10.5
9.0
4.0
7.5
0.6
17.5
13.5
7.5
15.0
0.8
13.0
9.0
4.0
10.0
0.6
26.5
15.0
6.0
22.5
0.8
7.2
7.5
3.5
5.0
0.5
17.5
13.5
7.5
15.0
0.8
10.5
9.0
4.0
7.5
0.6
26.5
15.0
6.0
22.5
0.8
13.0
9.0
4.0
10.0
0.6
17.5
14.5
8.5
15.0
0.8
7.2
9.5
4.5
5.0
0.5
26.5
15.0
6.0
22.5
0.8
10.5
9.0
4.0
7.5
0.6
17.5
16.0
10.0
15.0
0.8
13.0
9.0
4.0
10.0
0.6
26.5
16.0
7.0
22.5
0.8
7.2
9.5
4.5
5.0
0.5
17.5
19.0
11.0
15.0
0.8
10.5
9.0
4.0
7.5
0.6
26.5
17.0
8.5
22.5
0.8
13.0
9.0
4.0
10.0
0.6
17.5
19.0
11.0
15.0
0.8
7.2
10.0
5.0
5.0
0.5
26.5
17.0
8.5
22.5
0.8
10.5
9.0
4.0
7.5
0.6
32.0
18.0
9.0
27.5
0.8
13.0
9.0
4.0
10.0
0.6
26.5
18.5
10.0
22.5
0.8
7.2
10.0
5.0
5.0
0.5
32.0
18.0
9.0
27.5
0.8
10.5
9.0
4.0
7.5
0.6
26.5
18.5
10.0
22.5
0.8
13.0
9.0
4.0
10.0
0.6
32.0
18.0
9.0
27.5
0.8
7.2
11.0
6.0
5.0
0.5
26.5
20.0
11.0
22.5
0.8
10.5
9.0
4.0
7.5
0.6
32.0
20.0
11.0
27.5
0.8
13.0
9.0
4.0
10.0
0.6
26.5
22.0
12.0
22.5
0.8
7.2
11.0
6.0
5.0
0.5
32.0
20.0
11.0
27.5
0.8
10.5
9.0
4.0
7.5
0.6
0.82
824
32.0
20.0
11.0
27.5
0.8
13.0
9.0
4.0
10.0
0.6
1
105
32.0
22.0
13.0
27.5
0.8
7.2
11.0
6.0
5.0
0.5
1.2
125
32.0
24.5
15.0
27.5
0.8
10.5
9.0
4.0
7.5
0.6
1.5
155
32.0
28.0
14.0
27.5
0.8
13.0
9.0
4.0
10.0
0.6
1.8
185
32.0
33.0
18.0
27.5
0.8
10.5
11.0
5.0
7.5
0.6
2.2
225
32.0
33.0
18.0
27.5
0.8
13.0
9.0
4.0
10.0
0.6
2.7
275
32.0
37.0
22.0
27.5
0.8
10.5
11.0
5.0
7.5
0.6
3.3
335
32.0
37.0
22.0
27.5
0.8
13.0
9.0
4.0
10.0
0.6
10.5
11.0
5.0
7.5
0.6
13.0
11.0
5.0
10.0
0.6
Working
Voltage
630Vdc (2J)
400Vac
( F)
Working
Voltage
630Vdc (2J)
400Vac
223
0.022
0.018
183
( F)
0.015
153
123
0.012
0.01
103
0.0082
822
0.0068
682
0.0056
562
0.0047
472
0.0039
392
0.0033
332
0.0027
272
0.0022
222
0.0018
182
0.027
273
0.033
333
0.0015
152
0.0012
122
0.001
102
0.039
393
0.047
473
0.082
823
0.1
104
0.12
124
0.15
154
0.18
184
0.22
224
0.27
274
0.56
564
0.68
684
0.33
334
0.39
394
0.47
474
RATINGS & DIMENSIONS (mm) continued...



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com