Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISP1122ABD Datasheet(PDF) 5 Page - NXP Semiconductors

Part # ISP1122ABD
Description  Universal Serial Bus stand-alone hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1122ABD Datasheet(HTML) 5 Page - NXP Semiconductors

  ISP1122ABD Datasheet HTML 1Page - NXP Semiconductors ISP1122ABD Datasheet HTML 2Page - NXP Semiconductors ISP1122ABD Datasheet HTML 3Page - NXP Semiconductors ISP1122ABD Datasheet HTML 4Page - NXP Semiconductors ISP1122ABD Datasheet HTML 5Page - NXP Semiconductors ISP1122ABD Datasheet HTML 6Page - NXP Semiconductors ISP1122ABD Datasheet HTML 7Page - NXP Semiconductors ISP1122ABD Datasheet HTML 8Page - NXP Semiconductors ISP1122ABD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
Philips Semiconductors
ISP1122A
USB stand-alone hub
Preliminary specification
Rev. 01 — 27 March 2000
5 of 48
9397 750 06986
© Philips Electronics N.V. 2000. All rights reserved.
[1]
Symbol names with an overscore (e.g. NAME) indicate active LOW signals.
[2]
The voltage at pin Vreg(3.3) is gated by the RESET pin. This allows fully self-powered operation by
connecting RESET to VBUS (+5 V USB supply). If VBUS is lost upstream port D+ will not be driven.
[3]
See Table 4 “Mode selection”.
[4]
To disable a downstream port connect both D
+ and D− to VCC via a 1 MΩ resistor; unused ports must
be disabled in reverse order starting from port 5.
[5]
Analog detection circuit can be switched off using an external EEPROM, see Table 23; in this case,
the pin functions as a logic input (TTL level).
[6]
Downstream ports 1 and 2 cannot be disabled.
DM0
28
AI/O
upstream port D
− connection (analog)
DP0
29
AI/O
upstream port D
+ connection (analog)
DM2
30
AI/O
downstream port 2 D
− connection (analog) [6]
DP2
31
AI/O
downstream port 2 D
+ connection (analog) [6]
PSW1/GL1 [3]
32
O
modes 4 to 6: power switch control output for downstream
port 1 (open-drain, 6 mA)
modes 0 to 3, 7: GoodLink LED indicator output for
downstream port 1 (open-drain, 6 mA); to connect an LED
use a 330
Ω series resistor
Table 2:
Pin description for SO32 and SDIP32…continued
Symbol [1]
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com