Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISP1122ABD Datasheet(PDF) 34 Page - NXP Semiconductors

Part # ISP1122ABD
Description  Universal Serial Bus stand-alone hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1122ABD Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button ISP1122ABD Datasheet HTML 30Page - NXP Semiconductors ISP1122ABD Datasheet HTML 31Page - NXP Semiconductors ISP1122ABD Datasheet HTML 32Page - NXP Semiconductors ISP1122ABD Datasheet HTML 33Page - NXP Semiconductors ISP1122ABD Datasheet HTML 34Page - NXP Semiconductors ISP1122ABD Datasheet HTML 35Page - NXP Semiconductors ISP1122ABD Datasheet HTML 36Page - NXP Semiconductors ISP1122ABD Datasheet HTML 37Page - NXP Semiconductors ISP1122ABD Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
Philips Semiconductors
ISP1122A
USB stand-alone hub
Preliminary specification
Rev. 01 — 27 March 2000
34 of 48
9397 750 06986
© Philips Electronics N.V. 2000. All rights reserved.
[1]
Test circuit: see Figure 22.
[2]
Excluding the first transition from Idle state.
[3]
Characterized only, not tested. Limits guaranteed by design.
Table 33: Dynamic characteristics: analog I/O pins (D
+, D−); low-speed mode [1]
VCC = 4.0 to 5.5 V; VGND =0V; Tamb = −40 to +85 °C; CL = 50 pF; RPU = 1.5 kΩ on D− to VTERM; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Driver characteristics
tLR
rise time
CL = 200 to 600 pF;
10 to 90% of
|VOH − VOL|
75
-
300
ns
tLF
fall time
CL = 200 to 600 pF;
10 to 90% of
|VOH − VOL|
75
-
300
ns
LRFM
differential rise/fall time
matching (tLR/tLF)
[2] 80
-
125
%
VCRS
output signal crossover voltage
[2] [3] 1.3
-
2.0
V
Hub timing (downstream ports configured as low-speed)
tLHDD
hub differential data delay
see Figure 19
-
-
300
ns
tLSOP
data bit width distortion after
SOP
see Figure 19
[3]
−60
-
+60
ns
tLEOPD
hub EOP delay relative to tHDD see Figure 20
[3] 0
-
200
ns
tLHESK
hub EOP output width skew
see Figure 20
[3]
−300
-
+300
ns
Overcurrent input: OCn; power switch output: PSWn.
Reference voltage for overcurrent sensing: VCC (bus-powered mode) or VSP/BP (self-powered mode).
Fig 14. Overcurrent trip response timing.
handbook, halfpage
MBL032
VCC
0 V
overcurrent
input
VCC
0 V
power switch
output
ttrip
∆Vtrip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com