Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISP1122ABD Datasheet(PDF) 10 Page - NXP Semiconductors

Part # ISP1122ABD
Description  Universal Serial Bus stand-alone hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1122ABD Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button ISP1122ABD Datasheet HTML 6Page - NXP Semiconductors ISP1122ABD Datasheet HTML 7Page - NXP Semiconductors ISP1122ABD Datasheet HTML 8Page - NXP Semiconductors ISP1122ABD Datasheet HTML 9Page - NXP Semiconductors ISP1122ABD Datasheet HTML 10Page - NXP Semiconductors ISP1122ABD Datasheet HTML 11Page - NXP Semiconductors ISP1122ABD Datasheet HTML 12Page - NXP Semiconductors ISP1122ABD Datasheet HTML 13Page - NXP Semiconductors ISP1122ABD Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
Philips Semiconductors
ISP1122A
USB stand-alone hub
Preliminary specification
Rev. 01 — 27 March 2000
10 of 48
9397 750 06986
© Philips Electronics N.V. 2000. All rights reserved.
6.9 PLL clock multiplier
A 6 to 48 MHz clock multiplier Phase-Locked Loop (PLL) is integrated on-chip. This
allows for the use of low-cost 6 MHz crystals. The low crystal frequency also
minimizes Electro-Magnetic Interference (EMI). The PLL requires no external
components.
6.10 Overcurrent detection
An overcurrent detection circuit for downstream ports has been integrated on-chip. It
is self-reporting, resets automatically, has a low trip time and requires no external
components. Both individual and global overcurrent detection are supported.
6.11 I2C-bus interface
A basic serial I2C-bus interface (single master, 100 kHz) is provided to read VID, PID
and configuration bits from an external I2C-bus EEPROM (e.g. Philips PCF8582 or
equivalent). At reset the ISP1122A reads 6 bytes of data from the external memory.
The I2C-bus interface timing complies with the standard mode of operation as
described in
The I2C-bus and how to use it, order number 9398 393 40011.
7.
Modes of operation
The ISP1122A has several modes of operation, each corresponding with a different
pin configuration. Modes are selected by means of pins INDV, OPTION and SP/BP,
as shown in Table 4.
[1]
Port power switching: logic 0 = ganged, logic 1 = individual.
[2]
Power mode: logic0=bus-powered, logic 1 = self-powered (or hybrid-powered).
[3]
No overcurrent detection.
[4]
No power switching.
Table 4:
Mode selection
Mode
INDV
[1]
OPTION SP/BP
[2]
PSWn/GLn
(n = 1 to 4)
PSW5/GL5/GPSW OCn
(n = 1 to 4)
OC5/GOC
0000
GoodLink
ganged power
inactive
global overcurrent
1001
GoodLink
ganged power
inactive
global overcurrent
2010
GoodLink
ganged power
inactive [3]
inactive [3]
3011
GoodLink [4]
GoodLink [4]
inactive
global overcurrent
4100
individual power
inactive
individual
overcurrent
inactive
5101
individual power
individual power
individual
overcurrent
individual
overcurrent
6110
individual power
inactive
inactive [3]
inactive [3]
7111
GoodLink [4]
GoodLink [4]
individual
overcurrent
individual
overcurrent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com