Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISP1122ABD Datasheet(PDF) 11 Page - NXP Semiconductors

Part # ISP1122ABD
Description  Universal Serial Bus stand-alone hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1122ABD Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button ISP1122ABD Datasheet HTML 7Page - NXP Semiconductors ISP1122ABD Datasheet HTML 8Page - NXP Semiconductors ISP1122ABD Datasheet HTML 9Page - NXP Semiconductors ISP1122ABD Datasheet HTML 10Page - NXP Semiconductors ISP1122ABD Datasheet HTML 11Page - NXP Semiconductors ISP1122ABD Datasheet HTML 12Page - NXP Semiconductors ISP1122ABD Datasheet HTML 13Page - NXP Semiconductors ISP1122ABD Datasheet HTML 14Page - NXP Semiconductors ISP1122ABD Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
Philips Semiconductors
ISP1122A
USB stand-alone hub
Preliminary specification
Rev. 01 — 27 March 2000
11 of 48
9397 750 06986
© Philips Electronics N.V. 2000. All rights reserved.
8.
Endpoint descriptions
Each USB device is logically composed of several independent endpoints. An
endpoint acts as a terminus of a communication flow between the host and the
device. At design time each endpoint is assigned a unique number (endpoint
identifier, see Table 5). The combination of the device address (given by the host
during enumeration), the endpoint number and the transfer direction allows each
endpoint to be uniquely referenced.
The ISP1122A has two endpoints, endpoint 0 (control) and endpoint 1 (interrupt).
[1]
IN: input for the USB host; OUT: output from the USB host.
8.1 Hub endpoint 0 (control)
All USB devices and functions must implement a default control endpoint (ID = 0).
This endpoint is used by the host to configure the device and to perform generic USB
status and control access.
The ISP1122A hub supports the following USB descriptor information through its
control endpoint 0, which can handle transfers of 64 bytes maximum:
Device descriptor
Configuration descriptor
Interface descriptor
Endpoint descriptor
Hub descriptor
String descriptor.
8.2 Hub endpoint 1 (interrupt)
Endpoint 1 is used by the ISP1122A hub to provide status change information to the
host. This endpoint can be accessed only after the hub has been configured by the
host (by sending the Set Configuration command).
Endpoint 1 is an interrupt endpoint: the host polls it once every 255 ms by sending an
IN token. If the hub has detected no change in the port status it returns a NAK (Not
AcKnowledge) response to this request, otherwise it sends the Status Change byte
(see Table 6).
Table 5:
Hub endpoints
Function
Ports
Endpoint
identifier
Transfer
type
Direction [1] Max. packet
size (bytes)
Hub
0: upstream
1 to 5: downstream
0
control
OUT
64
IN
64
1
interrupt
IN
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com