Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISP1122ABD Datasheet(PDF) 17 Page - NXP Semiconductors

Part # ISP1122ABD
Description  Universal Serial Bus stand-alone hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1122ABD Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button ISP1122ABD Datasheet HTML 13Page - NXP Semiconductors ISP1122ABD Datasheet HTML 14Page - NXP Semiconductors ISP1122ABD Datasheet HTML 15Page - NXP Semiconductors ISP1122ABD Datasheet HTML 16Page - NXP Semiconductors ISP1122ABD Datasheet HTML 17Page - NXP Semiconductors ISP1122ABD Datasheet HTML 18Page - NXP Semiconductors ISP1122ABD Datasheet HTML 19Page - NXP Semiconductors ISP1122ABD Datasheet HTML 20Page - NXP Semiconductors ISP1122ABD Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
Philips Semiconductors
ISP1122A
USB stand-alone hub
Preliminary specification
Rev. 01 — 27 March 2000
17 of 48
9397 750 06986
© Philips Electronics N.V. 2000. All rights reserved.
[1]
ISP1122A always reports power management status on an individual basis, even for ganged/global
modes. This is compliant with
USB Specification Rev. 1.1.
[2]
Condition with no overcurrent detection is reported to the host.
[3]
Value in units of 2 ms.
[1]
Unicode encoded string.
Table 14: Hub descriptor
Values in square brackets are optional.
Offset
(bytes)
Field name
Size
(bytes)
Value
(Hex)
Comments
0
bDescLength
1
09
descriptor length=9bytes
1
bDescriptorType
1
29
type = HUB
2
bNbrPorts
1
05 to 02 number of enabled downstream ports;
selectable by DP/DM strapping
3
wHubCharacteristics
2
09, 00
individual power switching [1],
overcurrent protection active
(modes 0, 1, 3, 4, 5, 7)
11, 00
individual power switching [1], no
overcurrent protection (modes 2, 6) [2]
5
bPwrOn2PwrGood [3]
1
32
100 ms (default; modes 0, 1, 2, 4, 5, 6)
00
0 ms (default; modes 3, 7)
[FA]
500 ms (using an external EEPROM;
modes 0, 1, 2, 4, 5, 6); see Table 23
6
bHubContrCurrent
1
64
maximum hub controller current
(100 mA)
7
DeviceRemovable
1
00
all devices removable
8
PortPwrCtrlMask
1
FF
must be all ones for compatibility with
USB Specification Rev. 1.0
Table 15: String descriptors
String descriptors are optional and therefore disabled by default; they can be enabled through
an external EEPROM.
Offset
(bytes)
Field name
Size
(bytes)
Value
(Hex)
Comments
String descriptor (0): language ID string
0
bLength
1
04
descriptor length=4bytes
1
bDescriptorType
1
03
type = STRING
2
bString
2
09, 04
LANGID code zero
String descriptor (1): manufacturer string
0
bLength
1
2E
descriptor length = 46 bytes
1
bDescriptorType
1
03
type = STRING
2
bString
44
UC [1]
“Philips Semiconductors”
String descriptor (2): product string
0
bLength
1
10
descriptor length = 16 bytes
1
bDescriptorType
1
03
type = STRING
2
bString
14
UC [1]
“ISP1122”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com