Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISP1122ABD Datasheet(PDF) 28 Page - NXP Semiconductors

Part # ISP1122ABD
Description  Universal Serial Bus stand-alone hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1122ABD Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button ISP1122ABD Datasheet HTML 24Page - NXP Semiconductors ISP1122ABD Datasheet HTML 25Page - NXP Semiconductors ISP1122ABD Datasheet HTML 26Page - NXP Semiconductors ISP1122ABD Datasheet HTML 27Page - NXP Semiconductors ISP1122ABD Datasheet HTML 28Page - NXP Semiconductors ISP1122ABD Datasheet HTML 29Page - NXP Semiconductors ISP1122ABD Datasheet HTML 30Page - NXP Semiconductors ISP1122ABD Datasheet HTML 31Page - NXP Semiconductors ISP1122ABD Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
Philips Semiconductors
ISP1122A
USB stand-alone hub
Preliminary specification
Rev. 01 — 27 March 2000
28 of 48
9397 750 06986
© Philips Electronics N.V. 2000. All rights reserved.
Power switches 1 to 4 are low-ohmic PMOS devices as specified in Section 12.2.
Fig 12. Mode 4: bus-powered hub; individual port power switching; individual overcurrent detection.
handbook, full pagewidth
MBL172
INDV
OPTION
PSW1/GL1
PSW5/GL5/GPSW
PSW4/GL4
PSW3/GL3
SP/BP
OC5/GOC
PSW2/GL2
OC1
OC2
OC3
OC4
ISP1122A
VBUS
D
+
D
−
GND
SHIELD
+4.50 V(min)
upstream
port
VCC
GND
1
2
3
4
+4.40 V
(min)
VBUS
D
+
D
−
GND
SHIELD
1
downstream
ports
120
µF
ferrite bead
+4.40 V
(min)
VBUS
D
+
D
−
GND
SHIELD
2
120
µF
ferrite bead
+4.40 V
(min)
VBUS
D
+
D
−
GND
SHIELD
3
120
µF
ferrite bead
+4.40 V
(min)
VBUS
D
+
D
−
GND
SHIELD
4
120
µF
ferrite bead
330 k
Ω
(4
×)
low-ohmic
PMOS switch
47 k
Ω
0.1
µF
low-ohmic
PMOS switch
47 k
Ω
0.1
µF
low-ohmic
PMOS switch
47 k
Ω
0.1
µF
low-ohmic
PMOS switch
47 k
Ω
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com