Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISP1122ABD Datasheet(PDF) 37 Page - NXP Semiconductors

Part # ISP1122ABD
Description  Universal Serial Bus stand-alone hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1122ABD Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button ISP1122ABD Datasheet HTML 33Page - NXP Semiconductors ISP1122ABD Datasheet HTML 34Page - NXP Semiconductors ISP1122ABD Datasheet HTML 35Page - NXP Semiconductors ISP1122ABD Datasheet HTML 36Page - NXP Semiconductors ISP1122ABD Datasheet HTML 37Page - NXP Semiconductors ISP1122ABD Datasheet HTML 38Page - NXP Semiconductors ISP1122ABD Datasheet HTML 39Page - NXP Semiconductors ISP1122ABD Datasheet HTML 40Page - NXP Semiconductors ISP1122ABD Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
Philips Semiconductors
ISP1122A
USB stand-alone hub
Preliminary specification
Rev. 01 — 27 March 2000
37 of 48
9397 750 06986
© Philips Electronics N.V. 2000. All rights reserved.
[1]
fSCL = 164fXTAL.
[2]
Rise time is determined by Cb and pull-up resistor value Rp (typ. 4.7 kΩ).
Full-speed timing symbols have a subscript prefix ‘F’, low-speed timings a prefix ‘L’.
Fig 20. Hub EOP delay and EOP skew.
handbook, full pagewidth
MGR778
tEOP+
tEOP−
tEOP+
tEOP−
crossover
point
extended
crossover
point
extended
EOP delay:
tEOP = max (tEOP−, tEOP+)
EOP delay relative to tHDD:
tEOPD = tEOP − tHDD
EOP skew:
tHESK = tEOP+ − tEOP−
(A) downstream EOP delay
(B) upstream EOP delay
upstream
differential
data lines
downstream
port
crossover
point
extended
crossover
point
extended
upstream
end of cable
downstream
differential
data lines
+3.3 V
0 V
+3.3 V
0 V
Table 34: Dynamic characteristics: I2C-bus pins (SDA, SCL)
VCC and Tamb within recommended operating range; VDD = +5 V; VSS =VGND ; VIL and VIH between VSS and VDD.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCL
SCL clock frequency
fXTAL = 6 MHz
0
93.75 [1]
100
kHz
tBUF
bus free time
4.7
-
-
µs
tSU;STA
START condition set-up time
250
-
-
ns
tHD;STA
hold time START condition
4.0
-
-
µs
tLOW
SCL LOW time
4.7
-
-
µs
tHIGH
SCL HIGH time
4.0
-
-
µs
tr
SCL and SDA rise time
[2] -
-
1000
ns
tf
SCL and SDA fall time
-
-
300
ns
tSU;DAT
data set-up time
250
-
-
ns
tHD;DAT
data hold time
0
-
-
µs
tVD;DAT
SCL LOW to data out valid
time
-
-
0.4
µs
tSU;STO
STOP condition set-up time
4.0
-
-
µs
Cb
capacitive load for each bus
line
-
-
400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com