Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25LSD Datasheet(PDF) 38 Page - Knowles Electronics

Part # AT25LSD
Description  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

AT25LSD Datasheet(HTML) 38 Page - Knowles Electronics

Back Button AT25LSD Datasheet HTML 34Page - Knowles Electronics AT25LSD Datasheet HTML 35Page - Knowles Electronics AT25LSD Datasheet HTML 36Page - Knowles Electronics AT25LSD Datasheet HTML 37Page - Knowles Electronics AT25LSD Datasheet HTML 38Page - Knowles Electronics AT25LSD Datasheet HTML 39Page - Knowles Electronics AT25LSD Datasheet HTML 40Page - Knowles Electronics AT25LSD Datasheet HTML 41Page - Knowles Electronics AT25LSD Datasheet HTML 42Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
www.knowlescapacitors.com
36
Extended Range Glass Trimmers - H Series
The “H” Series increases the standard maximum capacitance values
of Voltronics’ glass trimmer capacitors by almost 100%. This is
achieved by a new and unique technique which makes the wall of
the inner glass tube thinner than was previously possible.
General specifications for the “H” Series are the same as those of
stan¬dard embedded band glass trimmers (see Page 34) with the
following exceptions:
DC Working Voltage: 125
Temperature Coefficient: -150 ±150 ppm/°C
Figure 1
A.31 DIA
.020
.125 DIA
.031
.22
B
.31
.015
.22
#64 (.036 DIA)
4 HOLES
Figure 2
A
.12 MAX
.16 DIA
.31 DIA
#20
AWG
B
.020
.125 DIA
1” MIN
.234
#64 (.036 DIA)
4 HOLES
Figure 3
.31 DIA
.040
.067
.020
A
.125
.020
.070
.28
.050 DIA
.030
.125 DIA
Figure 4
A
.28
.020
.025
.31 DIA
.067
.020
.11
.065
.26
.34 DIA
.125 DIA
Figure 5
.020
.125 DIA
.25
A
.31 DIA
#10-32 TH’D
.195
.191
.175
.171
a Knowles Precision Devices brand
TM
Type
Capacitance
Range (pF)
Q (Min.)
at 1 MHz Fig. A ± .06 B ± .03
From
Below To Above
Horizontal Printed Circuit
HSP19
2
19
1000
1
0.37
0.3
HSP34
2
34
900
0.44
0.37
HSP46
2
46
800
0.52
0.45
HSP64
2
64
700
0.63
0.56
HTP96C
2
96
600
2
0.91
0.88
HTP130C
2
130
500
1.16
1.13
HTP210C
2
210
350
1.75
1.73
HTP250C
2
250
250
1.98
1.95
Vertical Printed Circuit
A ± .03
HSF19
2
19
1000
3
0.34
HSF34
2
34
900
0.41
HSF46
2
46
800
0.49
HSF64
2
64
700
0.6
Surface Mount
HSM19
2
19
1000
4
0.34
HSM34
2
34
900
0.41
HSM46
2
46
800
0.49
HSM64
2
64
700
0.6
Panel Mount
HTM19C
2
19
1000
5
0.37
HTM34C
2
34
900
0.45
HTM46C
2
46
800
0.52
HTM64C
2
64
700
0.63
HTM96C
2
96
600
0.92
HTM130C
2
130
500
1.17
HTM210C
2
210
350
1.77
HTM250C
2
250
250
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com