Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25LSD Datasheet(PDF) 22 Page - Knowles Electronics

Part # AT25LSD
Description  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

AT25LSD Datasheet(HTML) 22 Page - Knowles Electronics

Back Button AT25LSD Datasheet HTML 18Page - Knowles Electronics AT25LSD Datasheet HTML 19Page - Knowles Electronics AT25LSD Datasheet HTML 20Page - Knowles Electronics AT25LSD Datasheet HTML 21Page - Knowles Electronics AT25LSD Datasheet HTML 22Page - Knowles Electronics AT25LSD Datasheet HTML 23Page - Knowles Electronics AT25LSD Datasheet HTML 24Page - Knowles Electronics AT25LSD Datasheet HTML 25Page - Knowles Electronics AT25LSD Datasheet HTML 26Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
www.knowlescapacitors.com
20
Tuning Tools
Trimmer
Series
Diameter
Johanson Part Number
5200
5300
5400
5500
5600
5700
.130
8777
8764
5800
.078
8777
JMC 8764
JMC 8777
JMC 8777
0
5000
4000
3000
2000
1000
100
150
200
250
300
Frequency (MHz)
5200
5400
5500
5600
Typical Performance Curves
5200/5400/5500/5600 Series
0
10000
8000
6000
4000
2000
100
150
200
250
300
Typical Performance Curves
5700/5800 Series
Frequency (MHz)
5800
5700
Applications
RF amplifiers and oscillators
Impedance matching
Interstage coupling
Filter tuning
Crystal trimming
Air Dielectric Variable Trimmers
Description
Concentric tubular design
Torque mechanism insures low ESR and low dynamic noise
resulting in high Q
Available in PC, panel mount, vertical mount and surface mount
terminations
High Reliability testing available
Characteristics
Rated voltage: 250 VDC (5300 series 500 VDC)
Insulation resistance: >106 MΩ @ 500 VDC
Contact resistance: <.01 Ω
Operating temperature: -65°C to +125°C
Vibration: 60g, 10-2000 Hz
Shock: 1500g, .5 milliseconds
574°F solder used in construction
Note: The use of a Johanson tuning tool is recommended. Improper
screwdriver size will cause internal thread damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com