Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25LSD Datasheet(PDF) 5 Page - Knowles Electronics

Part # AT25LSD
Description  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

AT25LSD Datasheet(HTML) 5 Page - Knowles Electronics

  AT25LSD Datasheet HTML 1Page - Knowles Electronics AT25LSD Datasheet HTML 2Page - Knowles Electronics AT25LSD Datasheet HTML 3Page - Knowles Electronics AT25LSD Datasheet HTML 4Page - Knowles Electronics AT25LSD Datasheet HTML 5Page - Knowles Electronics AT25LSD Datasheet HTML 6Page - Knowles Electronics AT25LSD Datasheet HTML 7Page - Knowles Electronics AT25LSD Datasheet HTML 8Page - Knowles Electronics AT25LSD Datasheet HTML 9Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
www.knowlescapacitors.com
3
.087
.018
.059
2.2
DIA
.45
1.5
.031
.039
.177
4.5
.126
3.2
.126
DIA
ROTOR
TERMINAL
3.2
.126
SETTING INDICATOR
SHOWN AT MAX C.
3.2 DIA
1.0
.8
.031
.8
.033
.85
4.75
3.05
1.4
SOLDER RESIST
SOLDERING PAD
.187
.120
.055
Dimensions - Drawing tolerances where not specified ± 0.008”/0.2mm
Solder Pad Layout
Recommended thickness of solder paste 0.15mm
Recommended Reflow Solder
Temperature Profile
Pre-Heating (In air)
Soldering Gradual Cooling
(In air)
250
200
150
100
50
260°C
One Minute
Minimum
20 Seconds
Maximum
Ceramic Chip Trimmers - JZ & JZ_HV Series
General specifications
Part No. JZ Series
JZ030
JZ060
JZ080
JZ100
JZ150
JZ200
JZ300
JZ400
JZ500
DC Working Voltage
125
125
125
125
125
125
125
125
125
DC Withstanding Voltage
250
250
250
250
250
250
250
250
250
Part No. JZ_HV Series
JZ030HV
JZ060HV
JZ080HV
JZ100HV
JZ150HV
JZ200HV
JZ300HV
JZ400HV
DC Working Voltage
350
350
350
350
350
350
350
350
DC Withstanding Voltage
700
700
700
700
700
700
700
700
Capacitance
(pF)
Minimum
Maximum
1.5
3.0
+50%
– 0%
2.0
6.0
+50%
– 0%
3.0
8.0
+50%
– 0%
2.0
10.0
+100%
– 0%
3.0
15.0
+100%
– 0%
4.5
20.0
+100%
– 0%
5.5
30.0
+100%
– 0%
8.0
40.0
+100%
– 0%
8.0
50.0
+100%
– 0%
Marking Color*
Black
Blue
Violet
White
Pink
Red
Orange
Yellow
Green
Temperature Coefficient (ppm/ºC)
0 ± 200
0 ± 300
-750 ± 500
0 ± 300
0 ± 500
0 ± 500
-1500 ±
1000
-1500 ±
1000
-1500 ±
1000
Approximate
Self Resonant
Frequency at
Maximum Rated
Capacitance
JZ &
JZ_HV
Series
2.1GHz
1.5GHz
1.25GHz
1.16GHz
0.92GHz
0.81GHz
0.70GHz
0.60GHz
0.53GHz
Insulation Resistance
104 MΩ
Operating Temperature
-40°C to +85°C (Tunable temp range -25°C to +85°C)
Torque
0.14 to 1.0 in-oz
Packaging
All parts furnished on 12mm tape and reel. 1,000 pcs. per reel.
* HV parts are indicated by a second, green dot.
Recommended Tuning Tools
Ceramic Tipped: TT-900
Ceramic Tipped: TT-400
4.50
114.3
.88
22.35
VOLTRONICS
.88
22.35
.032
0.81
.008
0.2
.281
7.14
.018
0.45
.110
2.79
.115
2.92
4.30
ROTATES TO ALLOW
FOR EASY TUNING
Ø .39
Ø .55
Ø .16
A
B
a Knowles Precision Devices brand
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com