Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25LSD Datasheet(PDF) 43 Page - Knowles Electronics

Part # AT25LSD
Description  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

AT25LSD Datasheet(HTML) 43 Page - Knowles Electronics

Back Button AT25LSD Datasheet HTML 39Page - Knowles Electronics AT25LSD Datasheet HTML 40Page - Knowles Electronics AT25LSD Datasheet HTML 41Page - Knowles Electronics AT25LSD Datasheet HTML 42Page - Knowles Electronics AT25LSD Datasheet HTML 43Page - Knowles Electronics AT25LSD Datasheet HTML 44Page - Knowles Electronics AT25LSD Datasheet HTML 45Page - Knowles Electronics AT25LSD Datasheet HTML 46Page - Knowles Electronics AT25LSD Datasheet HTML 47Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
www.knowlescapacitors.com
41
Glass Annular Band
Capacitance
Range
(pF)
Q
(Min.)
Unsealed 750 DCWV
(Fig. 1)
Sealed, Metal Cap
750 DCWV
(Fig. 2)
Sealed, Glass End, 1,250 DCWV
Smaller
(Fig. 3)
Larger MIL Size
(Fig. 3)
From
Below
To
Above 1 MHz A±.03 B±.03 Type
MIL
Designation A±.03 B±.03 Type A±.03 B±.03 Type A±.06 B±.03 Type
MIL
Designation
0.8
4.5
650
.31
.25 TP5
PC41J4R5**
—
—
—
.39
.25 TP5G
.63
.50 TP5GA
PC42J4R5**
0.8
5.5
700
.31
.25 TP6
PC51J5R5
—
—
—
.39
.25 TP6G
.59
.50 TP6GA
PC52J5R5
0.8
8.5
650
.56
.44 TP9
PC41J8R5**
.58
.44
TP9C
.61
.44 TP9G
.88
.70 TP9GA
PC42J8R5**
1.0
11.0
700
.56
.44 TP11 PC51J110
.58
.44
TP11C
.61
.44 TP11G
.84
.70 TP11GA PC52J110
0.8
12.0
650
.77
.63 TP12 PC41H120**
.78
.63
TP12C
.83
.63 TP12G
1.08
.84 TP12GA PC42H120**
0.8
16.0
700
.77
.63 TP17 PC51H160
.78
.63
TP17C
.83
.63 TP17G
1.05
.84 TP17GA PC52H160
0.8
18.0
650
1.03
.88 TP18 PC41H180**
1.05
.88
TP18C 1.08
.88 TP18G
1.33
1.02 TP18GA PC42H180**
0.8
21.0
700
1.14
1.00 TP21
—
1.17
1.00
TP21C
—
—
—
—
—
—
—
0.8
23.0
700
1.03
.88 TP23 PC51H230
1.05
.88
TP23C 1.08
.88 TP23G
1.30
1.02 TP23GA PC52H230
0.8
30.0
650
1.61
1.38 TP30 PC41H300**
1.64
1.38
TP30C 1.67 1.38 TP30G
1.92
1.47 TP30GA PC42H300**
0.8
38.0
700
1.61
1.38 TP38 PC51H380
1.64
1.38
TP38C 1.67 1.38 TP38G
1.89
1.47 TP38GA PC52H380
Glass Embedded Band
Capacitance
Range
(pF)
Q
(Min.)
Unsealed
1,000 DCWV
(Fig. 1)
Sealed, Metal Cap,
Turret Terminal
1,000 DCWV (Fig. 4)
Sealed, Metal Cap, 1,000 DCWV
Larger MIL Size
(Fig. 4)
From
Below
To
Above 1 MHz
A±.03
B±.06
Type
A±.03
B±.06
Type
A±.03
B±.06
Type
MIL
Designation
2.0
10.0
800
.28
.25
TP10*
.35
.33
TP10C*
—
—
—
—
1.5
14.0
700
.39
.33
TP14
.45
.42
TP14C
.73
.69
TP14CA
—
1.2
16.0
800
.33
.28
TPI5*
.41
.39
TP15C*
—
—
—
—
1.0
16.0
800
.39
.33
TP16
.45
.42
TP16C
.73
.69
TP16CA
PC43G160
2.0
25.0
800
.44
.36
TP25
.50
.47
TP25C
—
—
—
—
1.0
28.0
700
.63
.50
TP28
.70
.67
TP28C
.97
.92
TP28CA
—
1.0
36.0
800
.63
.50
TP36
.70
.67
TP36C
.97
.92
TP36CA
PC43G360
1.0
42.0
700
.84
.73
TP42
.91
.88
TP42C
1.19
1.14
TP42CA
—
1.0
52.0
800
.84
.73
TP52
.91
.88
TP52C
1.19
1.14
TP52CA
PC43G520
1.0
60.0
650
1.09
.91
TP60
1.16
1.13
TP60C
1.42
1.38
TP60CA
—
1.0
75.0
700
1.09
.91
TP75
1.16
1.13
TP75C
1.42
1.38
TP75CA
PC43G750
1.0
90.0
600
1.69
1.52
TP90
1.75
1.73
TP90C
2.03
1.98
TP90CA
—
1.0
120.0
600
1.69
1.52
TP120
1.75
1.73
TP120C
2.03
1.98
TP120CA
PC43G121
2.0
180.0
500
1.92
1.73
TP180*
1.98
1.95
TP180C*
—
—
—
—
Quartz
Capacitance
Range
(pF)
Q
(Min.)
Unsealed 750 DCWV
(Fig. 1)
Sealed, Quartz End, 1,250 DCWV
Smaller
(Fig. 3)
Larger MIL Size
(Fig. 3)
From
Below
To
Above 1 MHz A±.03 B±.03 Type
MIL
Designation
A±.03 B±.03 Type
A±.03 B±.06
Type
MIL Designation
0.8
1.8
2000
.31
.25
QP2
PC41Q1R8
.38
.25 QP2G
.63
.50
QP2GA
PC42Q1R8
0.6
5.5
2000
.56
.44
QP6
PC4IQ5R5
.64
.44 QP6G
.89
.70
QP6GA
PC42Q5R5
0.6
9.5
2000
1.00
.88
QP10
PC41Q9R5
1.09
.88 QP1OG
1.33
1.02
QP10GA
PC42Q9R5
0.8
16.0
2000
1.61
1.38
QP16
PC41Q160
1.69
1.38 QP16G
1.92
1.47
QP16GA
PC42Q160
*Parts Rated 500 DCWV **MIL-C-14409B parts not listed in MIL-C-14409D
Horizontal Mount Trimmers - TP & QP Series
a Knowles Precision Devices brand
TM
a Knowles Precision Devices brand
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com