Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25LSD Datasheet(PDF) 51 Page - Knowles Electronics

Part # AT25LSD
Description  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

AT25LSD Datasheet(HTML) 51 Page - Knowles Electronics

Back Button AT25LSD Datasheet HTML 47Page - Knowles Electronics AT25LSD Datasheet HTML 48Page - Knowles Electronics AT25LSD Datasheet HTML 49Page - Knowles Electronics AT25LSD Datasheet HTML 50Page - Knowles Electronics AT25LSD Datasheet HTML 51Page - Knowles Electronics AT25LSD Datasheet HTML 52Page - Knowles Electronics AT25LSD Datasheet HTML 53Page - Knowles Electronics AT25LSD Datasheet HTML 54Page - Knowles Electronics AT25LSD Datasheet HTML 55Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
www.knowlescapacitors.com
49
Dyna-Trim™ Dielectric Resonator Tuners
4000 Series
Part
Number
Dimensions
Fig.
A
B
C
D
E
F
G
NOM. FREQ.
(GHz)
4003-1
1
0.360
0.245
0.320
0.02 W x 0.23
0.08 x 0.41
0.375 to 64
0.06 x 0.44
6
4005-1
0.335
0.150
0.210
0.02 W x 0.14
0.08 x 0.28
0.250 to 64
0.060 x 0.31
10
4007-4
0.270
0.084
0.130
0.15 W x 0.09
0.06 x 0.22
0.190 x 64
0.035 x 0.22
18
4010 Series
Part
Number
Fig.
A
Rod Material
Disk Material
NOM. FREQ.
(GHz)
4010-1
2
0.970
INVAR
BRASS
2
4011-1
0.750
3
4012-1
0.500
4
4012-2
0.625
4014-1
0.250
INVAR (0NE-PIECE CONSTRUCTION)
9
Fig. 1
Fig. 2
C
(DIA.)
SEAL
ASSY
TUNING ROD
(INVAR)
A
B
SOLDER
CERAMIC
(ALUMINA)
TUNING
SLOT
E
LOCKING
HEX. NUT G
UNS-2A
THREAD F
D
MECHANICAL STOP
@ MAX TRAVEL
0.060
TRAVEL
LOCKING HEX. NUT
.04 THK X .28 A/F
.234-64 X UNS-2A
.38
MOUNTING SLOT
.020 X .145
MECHANICAL STOP
@ MAX. TRAVEL
ROD
.030
DISK
.31 @ MAX.
TRAVEL
.26
TRAVEL
.152
(DIA.)
A
(DIA.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com