Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25LSD Datasheet(PDF) 54 Page - Knowles Electronics

Part # AT25LSD
Description  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

AT25LSD Datasheet(HTML) 54 Page - Knowles Electronics

Back Button AT25LSD Datasheet HTML 50Page - Knowles Electronics AT25LSD Datasheet HTML 51Page - Knowles Electronics AT25LSD Datasheet HTML 52Page - Knowles Electronics AT25LSD Datasheet HTML 53Page - Knowles Electronics AT25LSD Datasheet HTML 54Page - Knowles Electronics AT25LSD Datasheet HTML 55Page - Knowles Electronics AT25LSD Datasheet HTML 56Page - Knowles Electronics AT25LSD Datasheet HTML 57Page - Knowles Electronics AT25LSD Datasheet HTML 58Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 60 page
background image
www.knowlescapacitors.com
52
Note: Other capacitance values may become available, please contact the Sales Office if you need values other than those shown in the above tables.
For dimensions and soldering information, please go to our website www.knowlescapacitors.com.
Reeled Quantities
Chip Size
0402
0505
0603
0805
1206
1111
1210
1808
1812
2220
2225
7” Reel
10000
2500
4000
3000
2500
10002000
1500
500
500
500
13” Reel
13” reel quantities available on request
6000
2000
2000
2000
Made from highly stable, low loss dielectric formulations, these
traditional porcelain MLCs are known for their high RF power
handling capability. Available in all industry common case sizes.
The special silver-palladium termination and the proprietary
ceramic formulations guarantee consistent non-magnetic
performance. All MLCs in these series are RoHS compliant. Chips
are available either with standard termination or can be fitted with
ribbon leads, depending on your application.
Description
• Porcelain Capacitors • Zero TC • Low Noise • Low ESR, High Q
• High Self-resonance • Established Reliability
• Capacitance range 0.1pF to 5.1nF
Functional Applications
• Impedance Matching • DC Blocking • Bypass • Coupling
• Tuning and Feedback
High Power RF capacitors - F & H materials - Minimum/maximum capacitance values
Chip Size
Case size 5
0505
Case size 11
1111
Case size 25
2225
Case size 38
3838
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
50V
-
-
680pF
1nF
-
-
-
-
100V
-
-
510pF
620pF
-
-
-
-
200V
36pF
100pF
220pF
470pF
-
-
-
-
250V
0.1pF
33pF
-
-
-
-
-
-
300V
-
-
-
-
2.2nF
2.7nF
-
-
500V
-
-
110pF
200pF
1.5nF
1.8nF
2.7nF
5.1nF
1kV
-
-
0.3pF
100pF
510pF
1.2nF
750pF
2.2nF
1.5kV
-
-
-
-
300pF
470pF
-
-
2kV
-
-
-
-
-
-
-
-
2.5kV
-
-
-
-
0.3pF
270pF
430pF
680pF
3.6kV
-
-
-
-
-
-
110pF
390pF
7.2kV
-
-
-
-
-
-
0.3pF
100pF
Note: Special capacitance values available upon request.
Non-Mag Caps, High Power RF - High Q
Ordering information - Non-Magnetic capacitors
11
470
J
1000
W
F
R
Chip size
Capacitance
Tolerance
Voltage
Termination
Material
Lead
5
11
25
38
0505
1111†
2225†
3838†
0R1
100
101
102
0.1pF
10pF
100pF
1000pF
A
B
C
D
F
G
J
K
±0.05pF
±0.1pF
±0.25pF
±0.5pF
±1%
±2%
±5%
±10%
50
100
1000
50V
100V
1000V
W
S
M
Ag/Cu/Sn
Pd/Ag
Poly/Cu/Sn
H
F
AH +90±20ppm/ºC
CF 0±15ppm/ºC
B = Chip
R =Ribbon
Note:
†Available in chip or ribbon leaded format.
a Knowles Precision Devices brand
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com