Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25LSD Datasheet(PDF) 27 Page - Knowles Electronics

Part # AT25LSD
Description  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

AT25LSD Datasheet(HTML) 27 Page - Knowles Electronics

Back Button AT25LSD Datasheet HTML 23Page - Knowles Electronics AT25LSD Datasheet HTML 24Page - Knowles Electronics AT25LSD Datasheet HTML 25Page - Knowles Electronics AT25LSD Datasheet HTML 26Page - Knowles Electronics AT25LSD Datasheet HTML 27Page - Knowles Electronics AT25LSD Datasheet HTML 28Page - Knowles Electronics AT25LSD Datasheet HTML 29Page - Knowles Electronics AT25LSD Datasheet HTML 30Page - Knowles Electronics AT25LSD Datasheet HTML 31Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
www.knowlescapacitors.com
25
Extended Metal Shaft
Add “E” to Part Number, i.e., KP10HVE.
Part
Number
DC
Working
Voltage
DC
Withstanding
Voltage
Capacitance (pF)
"K” Series
From
Below
To
Above
Figure 1
KP1HV
1000
2000
0.2
1
KP1SD
250
500
0.2
1
KP4HV
1000
2000
0.6
4
KP4SD
250
500
0.6
4
KP10HV
1000
2000
1.0
9
Figure 2
KF4HV
1000
2000
0.6
4
KF4SD
250
500
0.6
4
KF10HV
1000
2000
1.0
9
Figure 3
KT1HV
1000
2000
0.2
1
KT1SD
250
500
0.2
1
KT4HV
1000
2000
0.6
4
KT4SD
250
500
0.6
4
KT10HV
1000
2000
1.0
9
Figure 4
KJ1HV
1000
2000
0.2
1
KJ1SD
250
500
0.2
1
KJ4HV
1000
2000
0.6
4
KJ4SD
250
500
0.6
4
KJ10HV
1000
2000
1.0
9
Figure 5
KM4HV
1000
2000
0.6
4
KM4SD
250
500
0.6
4
KM10HV
1000
2000
1.0
9
Note: All bushing threads are .190”-64
PTFE Trimmers - K_HV Series
U.S. Patent No. 5,229,911
General specifications
K_HV
Q at 1GHz at maximum rated C*
780 (1pF)
Q at 100MHz at maximum rated C*
2000 (4 & 9pF)
Temperature Coefficient
50±50ppm/°C
Insulation Resistance
106 MΩ
Seal
40 pounds/in2
Operating Temperature
-65°C to +125°C
Rotational Life
600 turns
Torque
0.5-5.0 in-oz
Vibration
50g, 10-2000 Hz
Shock
1500g, 0.5 millisecs.
Drawinq tolerances where not specified
XXX ± .005
XX ± .016
* Self-resonant frequency and Q are measured with no terminals on parts.
IN
MM
IN
MM
IN
MM
IN
MM
0.015
0.38
0.067
1.70
0.160
4.06
0.280
7.11
0.025
0.63
0.080
2.03
0.190
4.83
0.290
7.37
0.030
0.76
0.085
2.16
0.200
5.08
0.300
7.62
0.036
0.91
0.093
2.36
0.230
5.84
0.380
9.65
0.040
1.02
0.110
2.79
0.240
6.10
0.470
11.94
0.045
1.14
0.140
3.56
0.264
6.71
0.060
1.52
0.150
3.81
0.270
6.86
Recommended Tuning Tool: TT-100 or TT-500
.11
.047 DIA
.16
.16
.036 DIA
.23 DIA
.040 DIA .015
.190-64
THREAD
.030
.16
.020
.28
.19
.085 DIA
.190-64
THREAD
.015
.067
.045
.16
.23 DIA
.28
.19
.065
.070
.16
.27 DIA
.30.19
.23 DIA
.20
.190-64
THREAD
.14
.14
.14
.24
.18
.18
.59
.015
.30
.23 DIA
.015
.16
.26
.036 DIA
.190-64
THREAD
.26
.19
.085 DIA
.020
.25
.030
.16
.08
.38
.025
.085 DIA
.11
.23 DIA
.040 DIA
.06
.040
.190-64 TH’D
.27.20
a Knowles Precision Devices brand
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com