Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PL160C Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # AM29PL160C
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PL160C Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button AM29PL160C Datasheet HTML 12Page - Advanced Micro Devices AM29PL160C Datasheet HTML 13Page - Advanced Micro Devices AM29PL160C Datasheet HTML 14Page - Advanced Micro Devices AM29PL160C Datasheet HTML 15Page - Advanced Micro Devices AM29PL160C Datasheet HTML 16Page - Advanced Micro Devices AM29PL160C Datasheet HTML 17Page - Advanced Micro Devices AM29PL160C Datasheet HTML 18Page - Advanced Micro Devices AM29PL160C Datasheet HTML 19Page - Advanced Micro Devices AM29PL160C Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
14
Am29PL160C
22143C7 May 9, 2006
D A TA
SH EE T
Table 7.
System Interface String
Addresses
(Word Mode)
Addresses
(Byte Mode)
Data
Description
1Bh
36h
0027h
VCC Min. (write/erase)
D7–D4: volt, D3–D0: 100 millivolt
1Ch
38h
0036h
VCC Max. (write/erase), D7–D4: volt, D3–D0: 100 millivolt
1Dh
3Ah
0000h
VPP Min. voltage (00h = no VPP pin present)
1Eh
3Ch
0000h
VPP Max. voltage (00h = no VPP pin present)
1Fh
3Eh
0004h
Typical timeout per single byte/word write 2N µs
20h
40h
0000h
Typical timeout for Min. size buffer write 2N µs (00h = not supported)
21h
42h
000Ah
Typical timeout per individual block erase 2N ms
22h
44h
0000h
Typical timeout for full chip erase 2N ms (00h = not supported)
23h
46h
0005h
Max. timeout for byte/word write 2N times typical
24h
48h
0000h
Max. timeout for buffer write 2N times typical
25h
4Ah
0004h
Max. timeout per individual block erase 2N times typical
26h
4Ch
0000h
Max. timeout for full chip erase 2N times typical (00h = not supported)
Table 8.
Device Geometry Definition
Addresses
(Word Mode)
Addresses
(Byte Mode)
Data
Description
27h
4Eh
0015h
Device Size = 2N byte
28h
29h
50h
52h
0002h
0000h
Flash Device Interface description (refer to CFI publication 100)
2Ah
2Bh
54h
56h
0000h
0000h
Max. number of bytes in multi-byte write = 2N
(00h = not supported)
2Ch
58h
0004h
Number of Erase Block Regions within device
2Dh
2Eh
2Fh
30h
5Ah
5Ch
5Eh
60h
0000h
0000h
0040h
0000h
Erase Block Region 1 Information
(refer to the CFI specification or CFI publication 100)
31h
32h
33h
34h
62h
64h
66h
68h
0001h
0000h
0020h
0000h
Erase Block Region 2 Information
35h
36h
37h
38h
6Ah
6Ch
6Eh
70h
0000h
0000h
0080h
0003h
Erase Block Region 3 Information
39h
3Ah
3Bh
3Ch
72h
74h
76h
78h
0006h
0000h
0000h
0004h
Erase Block Region 4 Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com