Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PL160C Datasheet(PDF) 28 Page - Advanced Micro Devices

Part # AM29PL160C
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PL160C Datasheet(HTML) 28 Page - Advanced Micro Devices

Back Button AM29PL160C Datasheet HTML 24Page - Advanced Micro Devices AM29PL160C Datasheet HTML 25Page - Advanced Micro Devices AM29PL160C Datasheet HTML 26Page - Advanced Micro Devices AM29PL160C Datasheet HTML 27Page - Advanced Micro Devices AM29PL160C Datasheet HTML 28Page - Advanced Micro Devices AM29PL160C Datasheet HTML 29Page - Advanced Micro Devices AM29PL160C Datasheet HTML 30Page - Advanced Micro Devices AM29PL160C Datasheet HTML 31Page - Advanced Micro Devices AM29PL160C Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
26
Am29PL160C
22143C7 May 9, 2006
D A TA
SH EE T
DC CHARACTERISTICS
CMOS Compatible
Notes:
1. The ICC current listed is typically less than 2 mA/MHz, with OE# at VIH. Typical VCC is 3.0 V.
2. Maximum ICC specifications are tested with VCC = VCCmax.
3. The Automatic Sleep Mode current is dependent on the state of OE#.
4. ICC active while Embedded Erase or Embedded Program is in progress.
5. Automatic sleep mode enables the low power mode when addresses remain stable for tACC + 30 ns. Typical sleep mode
current is 200 nA.
6. Not 100% tested.
Parameter
Symbol
Description
Test Conditions
Min
Typ
Max
Unit
ILI
Input Load Current
VIN = VSS to 5.5 V,
VCC = VCC max
±1.0
µA
ILIT
A9 Input Load Current
VCC = VCC max; A9 = 12.5 V
35
µA
ILO
Output Leakage Current
VOUT = VSS to 5.5 V,
VCC = VCC max
±1.0
µA
ICC1
VCC Active Read Current
(Notes 1, 2)
CE# = VIL, OE# = VIH
30
50
mA
ICC2
VCC Active Write Current
(Notes 2, 4, 5)
CE# = VIL, OE# = VIH
20
30
mA
ICC3
VCC Standby Current (Note 2)
CE# = VCC±0.3 V
1
5
µA
ICC4
Automatic Sleep Mode
(Notes 2, 3, 6)
VIH = VCC ± 0.3 V;
VIL = VSS ± 0.3 V
OE# = VIH
15
µA
OE# = VIL
820
VIL
Input Low Voltage
–0.5
0.8
V
VIH
Input High Voltage
0.7 x VCC
5.5
V
VID
Voltage for Autoselect and
Temporary Sector Unprotect
VCC = 3.3 V
11.5
12.5
V
VOL
Output Low Voltage
IOL = 4.0 mA, VCC = VCC min
0.45
V
VOH1
Output High Voltage
IOH = –2.0 mA, VCC = VCC min
0.85 x VCC
V
VOH2
IOH = –100 µA, VCC = VCC min
VCC–0.4
VLKO
Low VCC Lock-Out Voltage
(Note 4)
2.3
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com