Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PL160C Datasheet(PDF) 36 Page - Advanced Micro Devices

Part # AM29PL160C
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PL160C Datasheet(HTML) 36 Page - Advanced Micro Devices

Back Button AM29PL160C Datasheet HTML 32Page - Advanced Micro Devices AM29PL160C Datasheet HTML 33Page - Advanced Micro Devices AM29PL160C Datasheet HTML 34Page - Advanced Micro Devices AM29PL160C Datasheet HTML 35Page - Advanced Micro Devices AM29PL160C Datasheet HTML 36Page - Advanced Micro Devices AM29PL160C Datasheet HTML 37Page - Advanced Micro Devices AM29PL160C Datasheet HTML 38Page - Advanced Micro Devices AM29PL160C Datasheet HTML 39Page - Advanced Micro Devices AM29PL160C Datasheet HTML 40Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
34
Am29PL160C
22143C7 May 9, 2006
D A TA
SH EE T
AC CHARACTERISTICS
Notes:
1. SA = sector address (for Sector Erase), VA = Valid Address for reading status data (see “Write Operation Status”).
2. Illustration shows device in word mode.
Figure 16.
AC Waveforms for Chip/Sector Erase Operations
Note: VA = Valid address. Illustration shows first status cycle after command sequence, last status read cycle, and array data
read cycle
Figure 17.
Data# Polling Timings (During Embedded Algorithms)
OE#
CE#
Addresses
VCC
WE#
Data
2AAh
SA
tGHWL
tAH
tWP
tWC
tAS
tWPH
555h for chip erase
10 for Chip Erase
30h
tDS
tVCS
tCS
tDH
55h
tCH
In
Progress
Complete
tWHWH2
VA
VA
Erase Command Sequence (last two cycles)
Read Status Data
WE#
CE#
OE#
High Z
tOE
High Z
DQ7
DQ0–DQ6
Complement
True
Addresses
VA
tOEH
tCE
tCH
tOH
tDF
VA
VA
Status Data
Complement
Status Data
True
Valid Data
Valid Data
tACC
tRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com