Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PL160C Datasheet(PDF) 31 Page - Advanced Micro Devices

Part # AM29PL160C
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PL160C Datasheet(HTML) 31 Page - Advanced Micro Devices

Back Button AM29PL160C Datasheet HTML 27Page - Advanced Micro Devices AM29PL160C Datasheet HTML 28Page - Advanced Micro Devices AM29PL160C Datasheet HTML 29Page - Advanced Micro Devices AM29PL160C Datasheet HTML 30Page - Advanced Micro Devices AM29PL160C Datasheet HTML 31Page - Advanced Micro Devices AM29PL160C Datasheet HTML 32Page - Advanced Micro Devices AM29PL160C Datasheet HTML 33Page - Advanced Micro Devices AM29PL160C Datasheet HTML 34Page - Advanced Micro Devices AM29PL160C Datasheet HTML 35Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
May 9, 2006 22143C7
Am29PL160C
29
D A TA
SH EE T
AC CHARACTERISTICS
Read Operations
Notes:
1. Not 100% tested.
2. See Figure 9 and Table 12 for test specifications.
Parameter
Description
Test Setup
Speed Options
Unit
JEDEC
Std
-65R
-70R
-90
tAVAV
tRC
Read Cycle Time
Min
65
70
90
ns
tAVQV
tACC
Address Access Time
CE#=VIL,
OE#=VIL
Max
65
70
90
ns
tELQV
tCE
Chip Enable to Output Delay
OE#=VIL
Max
65
70
90
ns
tPACC
Page Access Time
Max
25
25
30
ns
tGLQV
tOE
Output Enable to Output Valid
Max
25
25
30
ns
tEHQZ
tDF
Chip Enable to Output High Z
Max
20
ns
tGHQZ
tDF
Output Enable to Output High Z
Max
20
ns
tOEH
Output Enable
Hold Time (Note 1)
Read
0
ns
Toggle and
Data# Polling
10
ns
tAXQX
tOH
Output Hold Time from Addresses
Min
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com