Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PL160C Datasheet(PDF) 25 Page - Advanced Micro Devices

Part # AM29PL160C
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PL160C Datasheet(HTML) 25 Page - Advanced Micro Devices

Back Button AM29PL160C Datasheet HTML 21Page - Advanced Micro Devices AM29PL160C Datasheet HTML 22Page - Advanced Micro Devices AM29PL160C Datasheet HTML 23Page - Advanced Micro Devices AM29PL160C Datasheet HTML 24Page - Advanced Micro Devices AM29PL160C Datasheet HTML 25Page - Advanced Micro Devices AM29PL160C Datasheet HTML 26Page - Advanced Micro Devices AM29PL160C Datasheet HTML 27Page - Advanced Micro Devices AM29PL160C Datasheet HTML 28Page - Advanced Micro Devices AM29PL160C Datasheet HTML 29Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
May 9, 2006 22143C7
Am29PL160C
23
D A TA
SH EE T
condition that indicates the program or erase cycle
was not successfully completed.
The DQ5 failure condition may appear if the system
tries to program a “1” to a location that is previously
programmed to “0.” Only an erase operation can
change a “0” back to a “1.” Under this condition, the
device halts the operation, and when the operation has
exceeded the timing limits, DQ5 produces a “1.”
Under both these conditions, the system must issue
the reset command to return the device to reading
array data.
DQ3: Sector Erase Timer
After writing a sector erase command sequence, the
system may read DQ3 to determine whether or not an
erase operation has begun. (The sector erase timer
does not apply to the chip erase command.) If addi-
tional sectors are selected for erasure, the entire time-
out also applies after each additional sector erase
command. When the time-out is complete, DQ3
switches from “0” to “1.” The system may ignore DQ3 if
the system can guarantee that the time between addi-
tional sector erase commands will always be less than
50
μs. See also the “Write Operation Status” section.
After the sector erase command sequence is written,
the system should read the status on DQ7 (Data# Poll-
ing) or DQ6 (Toggle Bit I) to ensure the device has
accepted the command sequence, and then read
DQ3. If DQ3 is “1”, the internally controlled erase cycle
has begun; all further commands (other than Erase
Suspend) are ignored until the erase operation is com-
plete. If DQ3 is “0”, the device will accept additional
sector erase commands. To ensure the command has
been accepted, the system software should check the
status of DQ3 prior to and following each subsequent
sector erase command. If DQ3 is high on the second
status check, the last command might not have been
accepted. Table 11 shows the outputs for DQ3.
START
No
Yes
Yes
DQ5 = 1?
No
Yes
Toggle Bit
= Toggle?
No
Program/Erase
Operation Not
Complete, Write
Reset Command
Program/Erase
Operation Complete
Read DQ7–DQ0
Toggle Bit
= Toggle?
Read DQ7–DQ0
Twice
Read DQ7–DQ0
Notes:
1. Read toggle bit twice to determine whether or not it is
toggling. See text.
2. Recheck toggle bit because it may stop toggling as DQ5
changes to “1”. See text.
Figure 4.
Toggle Bit Algorithm
(Note 1)
(Notes
1, 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com