Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PL160C Datasheet(PDF) 38 Page - Advanced Micro Devices

Part # AM29PL160C
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PL160C Datasheet(HTML) 38 Page - Advanced Micro Devices

Back Button AM29PL160C Datasheet HTML 34Page - Advanced Micro Devices AM29PL160C Datasheet HTML 35Page - Advanced Micro Devices AM29PL160C Datasheet HTML 36Page - Advanced Micro Devices AM29PL160C Datasheet HTML 37Page - Advanced Micro Devices AM29PL160C Datasheet HTML 38Page - Advanced Micro Devices AM29PL160C Datasheet HTML 39Page - Advanced Micro Devices AM29PL160C Datasheet HTML 40Page - Advanced Micro Devices AM29PL160C Datasheet HTML 41Page - Advanced Micro Devices AM29PL160C Datasheet HTML 42Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
36
Am29PL160C
22143C7 May 9, 2006
D A TA
SH EE T
AC CHARACTERISTICS
Alternate CE# Controlled Erase/Program Operations
Notes:
1. Not 100% tested.
2. See the “Erase and Programming Performance” section for more information.
Parameter
Description
Speed Options
Unit
JEDEC
Std
-65R
-70R
-90
tAVAV
tWC
Write Cycle Time (Note 1)
Min
65
70
90
ns
tAVEL
tAS
Address Setup Time
Min
0
ns
tELAX
tAH
Address Hold Time
Min
45
45
45
ns
tDVEH
tDS
Data Setup Time
Min
35
35
45
ns
tEHDX
tDH
Data Hold Time
Min
0
ns
tOES
Output Enable Setup Time
Min
0
ns
tGHEL
tGHEL
Read Recovery Time Before Write
(OE# High to WE# Low)
Min
0
ns
tWLEL
tWS
WE# Setup Time
Min
0
ns
tEHWH
tWH
WE# Hold Time
Min
0
ns
tELEH
tCP
CE# Pulse Width
Min
35
35
35
ns
tEHEL
tCPH
CE# Pulse Width High
Min
30
ns
tWHWH1
tWHWH1
Programming Operation (Note
2)
Byte
Typ
7
µs
Word
Typ
9
tWHWH2
tWHWH2
Sector Erase Operation (Note 2)
Typ
5
sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com