Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PL160C Datasheet(PDF) 19 Page - Advanced Micro Devices

Part # AM29PL160C
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PL160C Datasheet(HTML) 19 Page - Advanced Micro Devices

Back Button AM29PL160C Datasheet HTML 15Page - Advanced Micro Devices AM29PL160C Datasheet HTML 16Page - Advanced Micro Devices AM29PL160C Datasheet HTML 17Page - Advanced Micro Devices AM29PL160C Datasheet HTML 18Page - Advanced Micro Devices AM29PL160C Datasheet HTML 19Page - Advanced Micro Devices AM29PL160C Datasheet HTML 20Page - Advanced Micro Devices AM29PL160C Datasheet HTML 21Page - Advanced Micro Devices AM29PL160C Datasheet HTML 22Page - Advanced Micro Devices AM29PL160C Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
May 9, 2006 22143C7
Am29PL160C
17
D A TA
SH EE T
Programming is allowed in any sequence and across
sector boundaries. A bit cannot be programmed
from a “0” back to a “1”. Attempting to do so may
halt the operation and set DQ5 to “1,” or cause the
Data# Polling algorithm to indicate the operation was
successful. However, a succeeding read will show that
the data is still “0”. Only erase operations can convert
a “0” to a “1”.
Unlock Bypass Command Sequence
The unlock bypass feature allows the system to pro-
gram bytes or words to the device faster than using the
standard program command sequence. The unlock by-
pass command sequence is initiated by first writing
two unlock cycles. This is followed by a third write cycle
containing the unlock bypass command, 20h. The de-
vice then enters the unlock bypass mode. A two-cycle
unlock bypass program command sequence is all that
is required to program in this mode. The first cycle in
this sequence contains the unlock bypass program
command, A0h; the second cycle contains the pro-
g r a m ad dre ss an d d a ta . Additio n a l da ta is
programmed in the same manner. This mode dis-
penses with the initial two unlock cycles required in the
standard program command sequence, resulting in
faster total programming time. Table 10 shows the re-
quirements for the command sequence.
During the unlock bypass mode, only the Unlock By-
pass Program and Unlock Bypass Reset commands
are valid. To exit the unlock bypass mode, the system
must issue the two-cycle unlock bypass reset com-
mand sequence. The first cycle must contain the data
90h; the second cycle the data 00h. Addresses are
don’t care for both cycles. The device then returns to
reading array data.
Figure 1 illustrates the algorithm for the program oper-
ation. See the Program/Erase Operations table in “AC
Characteristics” for parameters, and to Figure 15 for
timing diagrams.
Note: See Table 10 for program command sequence.
Figure 1.
Program Operation
Chip Erase Command Sequence
Chip erase is a six bus cycle operation. The chip erase
command sequence is initiated by writing two unlock
cycles, followed by a set-up command. Two additional
unlock write cycles are then followed by the chip erase
command, which in turn invokes the Embedded Erase
algorithm. The device does not require the system to
preprogram prior to erase. The Embedded Erase algo-
rithm automatically preprograms and verifies the entire
memory for an all zero data pattern prior to electrical
erase. The system is not required to provide any con-
trols or timings during these operations. Table 10
shows the address and data requirements for the chip
erase command sequence.
Any commands written to the chip during the Embed-
ded Erase algorithm are ignored.
The system can determine the status of the erase op-
eration by using DQ7, DQ6, or DQ2. See “Write
Operation Status” for information on these status bits.
When the Embedded Erase algorithm is complete, the
START
Write Program
Command Sequence
Data Poll
from System
Verify Data?
No
Yes
Last Address?
No
Yes
Programming
Completed
Increment Address
Embedded
Program
algorithm
in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com