Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BL802C Datasheet(PDF) 5 Page - SPANSION

Part # AM29BL802C
Description  8 Megabit (512 K x 16-Bit) CMOS 3.0 Volt-only, Burst-mode, Boot Sector Flash Memory-Die Revision 1
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BL802C Datasheet(HTML) 5 Page - SPANSION

  AM29BL802C Datasheet HTML 1Page - SPANSION AM29BL802C Datasheet HTML 2Page - SPANSION AM29BL802C Datasheet HTML 3Page - SPANSION AM29BL802C Datasheet HTML 4Page - SPANSION AM29BL802C Datasheet HTML 5Page - SPANSION AM29BL802C Datasheet HTML 6Page - SPANSION AM29BL802C Datasheet HTML 7Page - SPANSION AM29BL802C Datasheet HTML 8Page - SPANSION AM29BL802C Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
4
Am29BL802C Known Good Die
SU PP L E ME NT
AC CHARACTERISTICS
Burst Mode Read
Note: Initial valid data will be output after second clock rising edge of LBA# assertion.
Parameter
Description
Speed Options and Temperature
Ranges
Unit
JEDEC
Std.
80R
tIACC
Initial Access Time
LBA# Valid Clock to Output Delay
(See Note)
Max
80
ns
tBACC
Burst Access Time
BAA# Valid Clock to Output Delay
Max
24
ns
tLBAS
LBA# Setup Time
Min
6
ns
tLBAH
LBA# Hold Time
Min
2
ns
tBAAS
BAA# Setup Time
Min
6
ns
tBAAH
BAA# Hold Time
Min
2
ns
tBDH
Data Hold Time from Next Clock Cycle
Max
4
ns
tACS
Address Setup Time to CLK
(See Note)
Min
6
ns
tACH
Address Hold Time from CLK
(See Note)
Min
2
ns
tOE
Output Enable to Output Valid
Max
24
ns
tOEZ
Output Enable to Output High Z
Max
25
ns
tCEZ
Chip Enable to Output High Z
Min
25
ns
tCES
CE# Setup Time to Clock
Min
6
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com