Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BL802C Datasheet(PDF) 15 Page - SPANSION

Part # AM29BL802C
Description  8 Megabit (512 K x 16-Bit) CMOS 3.0 Volt-only, Burst-mode, Boot Sector Flash Memory-Die Revision 1
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BL802C Datasheet(HTML) 15 Page - SPANSION

Back Button AM29BL802C Datasheet HTML 9Page - SPANSION AM29BL802C Datasheet HTML 10Page - SPANSION AM29BL802C Datasheet HTML 11Page - SPANSION AM29BL802C Datasheet HTML 12Page - SPANSION AM29BL802C Datasheet HTML 13Page - SPANSION AM29BL802C Datasheet HTML 14Page - SPANSION AM29BL802C Datasheet HTML 15Page - SPANSION AM29BL802C Datasheet HTML 16Page - SPANSION AM29BL802C Datasheet HTML 17Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
14
Am29BL802C Known Good Die
SU PP L E ME NT
AC CHARACTERISTICS
Read Operations
Not 100% tested.
Parameter
Description
Test Setup
Speed Options and
Temperature Ranges
Unit
JEDEC
Std.
80R
tAVAV
tRC
Read Cycle Time (Note )
Min
80
ns
tAVQV
tACC Address to Output Delay
CE# = VIL
OE# = VIL
Max
80
ns
tELQV
tCE
Chip Enable to Output Delay
OE# = VIL Max
80
ns
tGLQV
tOE
Output Enable to Output Delay
Max
24
ns
tEHQZ
tDF
Chip Enable to Output High Z
(Note )
Max
24
ns
tGHQZ
tDF
Output Enable to Output High Z (Note )
Max
25
ns
tOEH
Output Enable
Hold Time (Note )
Read
Min
0
ns
Toggle and
Data# Polling
Min
10
ns
tAXQX
tOH
Output Hold Time From Addresses, CE# or OE#, Whichever
Occurs First (Note )
Min
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com